Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72214S0102K101 Datasheet(PDF) 18 Page - EPCOS

Part # B72214S0102K101
Description  SIOV metal oxide varistors
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214S0102K101 Datasheet(HTML) 18 Page - EPCOS

Back Button B72214S0102K101 Datasheet HTML 14Page - EPCOS B72214S0102K101 Datasheet HTML 15Page - EPCOS B72214S0102K101 Datasheet HTML 16Page - EPCOS B72214S0102K101 Datasheet HTML 17Page - EPCOS B72214S0102K101 Datasheet HTML 18Page - EPCOS B72214S0102K101 Datasheet HTML 19Page - EPCOS B72214S0102K101 Datasheet HTML 20Page - EPCOS B72214S0102K101 Datasheet HTML 21Page - EPCOS B72214S0102K101 Datasheet HTML 22Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Reliability data
Test
Test methods/conditions
Requirement
Varistor voltage
The voltage between two terminals with
the specified measuring current applied
is called VV (1 mADC @ 0.2 ... 2 s).
To meet the specified value
Clamping voltage
The maximum voltage between two
terminals with the specified standard
impulse current (8/20 µs) applied.
To meet the specified value
Endurance at upper
category temperature
1000 h at UCT
After having continuously applied the
maximum allowable AC voltage at UCT
±2 °C for 1000 h, the specimen shall be
stored at room temperature and normal
humidity for 1 to 2 h.
Thereafter, the change of VV shall be
measured.
|
∆V/V (1 mA)| ≤10%
Surge current derating,
8/20
µs
10 surge currents (8/20
µs), unipolar,
interval 30 s, amplitude corresponding
to derating curve for 10 impulses at
20
µs
|
∆V/V (1 mA)| ≤10%
(measured in direction of
surge current)
No visible damage
Surge current derating,
2 ms
10 surge currents (2 ms), unipolar,
interval 120 s, amplitude corresponding
to derating curve for 10 impulses at
2 ms
|
∆V/V (1 mA)| ≤10%
(measured in direction of
surge current)
No visible damage
Electric strength
IEC 61051-1, test 4.9.2
Metal balls method, 2500 VRMS, 60 s
The varistor is placed in a container
holding 1.6
±0.2 mm diameter metal
balls such that only the terminations of
the varistor are protruding.
The specified voltage shall be applied
between both terminals of the specimen
connected together and the electrode
inserted between the metal balls.
No breakdown
Leaded varistors
B722*
StandarD series
Page 18 of 46
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B72214S0102K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S0102K101 EPCOS-B72214S0102K101 Datasheet
140Kb / 16P
   Leaded Varistors
B72214S0102K101 EPCOS-B72214S0102K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0102K101 EPCOS-B72214S0102K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72214S0102K101 EPCOS-B72214S0102K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S0102K101 EPCOS-B72214S0102K101 Datasheet
304Kb / 36P
   SIOV metal oxide varistors
More results

Similar Description - B72214S0102K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214S1140K152 EPCOS-B72214S1140K152 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72214S600K101 EPCOS-B72214S600K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
ETFV14K320E2 EPCOS-ETFV14K320E2 Datasheet
93Kb / 11P
   SIOV metal oxide varistors
S14K320E2K1 EPCOS-S14K320E2K1 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
logo
TDK Electronics
S10K300E2K1 TDK-S10K300E2K1 Datasheet
440Kb / 22P
   SIOV metal oxide varistors
logo
EPCOS
B72210P2301K101 EPCOS-B72210P2301K101 Datasheet
454Kb / 23P
   SIOV metal oxide varistors
B72214S271K101 EPCOS-B72214S271K101 Datasheet
299Kb / 36P
   SIOV metal oxide varistors
B72240B421K1 EPCOS-B72240B421K1 Datasheet
185Kb / 20P
   SIOV metal oxide varistors
B72214S400K101 EPCOS-B72214S400K101 Datasheet
975Kb / 46P
   SIOV metal oxide varistors
B72214S350K101 EPCOS-B72214S350K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
B72210S351K101 EPCOS-B72210S351K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com