Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT157PWRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD74ACT157PWRG4
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74ACT157PWRG4 Datasheet(HTML) 5 Page - Texas Instruments

  CD74ACT157PWRG4 Datasheet HTML 1Page - Texas Instruments CD74ACT157PWRG4 Datasheet HTML 2Page - Texas Instruments CD74ACT157PWRG4 Datasheet HTML 3Page - Texas Instruments CD74ACT157PWRG4 Datasheet HTML 4Page - Texas Instruments CD74ACT157PWRG4 Datasheet HTML 5Page - Texas Instruments CD74ACT157PWRG4 Datasheet HTML 6Page - Texas Instruments CD74ACT157PWRG4 Datasheet HTML 7Page - Texas Instruments CD74ACT157PWRG4 Datasheet HTML 8Page - Texas Instruments CD74ACT157PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
CD74ACT157
QUADRUPLE 2LINE TO 1LINE DATA SELECTOR/MULTIPLEXER
SCHS340B − MARCH 2003 - REVISED JUNE 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
SETUP AND HOLD AND INPUT RISE AND FALL TIMES
th
tsu
10%
10%
90%
90%
3 V
3 V
0 V
0 V
tr
tf
Reference
Input
Data
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50% VCC
50%
10%
10%
90%
90%
3 V
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
tPLH
tPHL
50% VCC
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
NOTES: A. CL includes probe and test-fixture capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
Phase relationships between waveforms are arbitrary.
D. For clock inputs, fmax is measured with the input duty cycle at 50%.
E. The outputs are measured one at a time with one input transition per measurement.
F. tPLH and tPHL are the same as tpd.
G. tPZL and tPZH are the same as ten.
H. tPLZ and tPHZ are the same as tdis.
I. All parameters and waveforms are not applicable to all devices.
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2
× VCC
R1 = 500
Open
GND
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
3 V
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2
× VCC
GND
TEST
S1
Output
Control
Output
Waveform 1
S1 at 2
× VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
20% VCC
20% VCC
80% VCC
≈0 V
VOLTAGE WAVEFORMS
OUTPUT ENABLE AND DISABLE TIMES
80% VCC
3 V
R2 = 500
VOLTAGE WAVEFORMS
RECOVERY TIME
3 V
0 V
CLR
Input
CLK
3 V
trec
0 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - CD74ACT157PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT157PWRG4 TI-CD74ACT157PWRG4 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
More results

Similar Description - CD74ACT157PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Texas Instruments
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A TI-SN74LVC157A Datasheet
124Kb / 8P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157_15 Datasheet
233Kb / 6P
   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR / MULTIPLEXER
logo
Texas Instruments
74ACT11157 TI1-74ACT11157 Datasheet
81Kb / 5P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-Q1 TI1-SN74LVC157A-Q1_15 Datasheet
795Kb / 13P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com