Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11SM401-T Datasheet(PDF) 7 Page - Honeywell Accelerometers

Part # 11SM401-T
Description  Interactive Catalog Replaces Catalog Pages
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

11SM401-T Datasheet(HTML) 7 Page - Honeywell Accelerometers

  11SM401-T Datasheet HTML 1Page - Honeywell Accelerometers 11SM401-T Datasheet HTML 2Page - Honeywell Accelerometers 11SM401-T Datasheet HTML 3Page - Honeywell Accelerometers 11SM401-T Datasheet HTML 4Page - Honeywell Accelerometers 11SM401-T Datasheet HTML 5Page - Honeywell Accelerometers 11SM401-T Datasheet HTML 6Page - Honeywell Accelerometers 11SM401-T Datasheet HTML 7Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Basic Switches
SM Series
Subminiature
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
31
MOUNTING DIMENSIONS (for reference only)
PIN PLUNGER
Fig. 1
Fig. 2
INTEGRAL LEVERS
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9
Fig. 10
INTEGRAL LEAFS
Fig. 11
Fig. 12
AUXILIARY ACTUATORS
Fig. 14
Fig. 16
Switches are not included with the actuators.
Mounting holes accept pins or screws of
.087 inch (2,21 mm) max. diameter


Similar Part No. - 11SM401-T

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
11SM401-T HONEYWELL-ACC-11SM401-T Datasheet
335Kb / 7P
   Interactive Catalog Replaces Catalog Pages
11SM401-T HONEYWELL-ACC-11SM401-T Datasheet
375Kb / 7P
   Basic Switches Subminiature
logo
Honeywell Solid State E...
11SM401-T HONEYWELL-11SM401-T Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
11SM401-T HONEYWELL-ACC-11SM401-T Datasheet
231Kb / 7P
   Interactive Catalog Replaces Catalog Pages
11SM401-T HONEYWELL-ACC-11SM401-T Datasheet
263Kb / 8P
   Interactive Catalog Replaces Catalog Pages
More results

Similar Description - 11SM401-T

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Accelerometer...
162PC01G HONEYWELL-ACC-162PC01G Datasheet
507Kb / 5P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
CSLA1CE HONEYWELL-CSLA1CE Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
26PCAFA6G HONEYWELL-26PCAFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
26PCDFA6G HONEYWELL-26PCDFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com