Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-SOIC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 8-SOIC
Description  8-Pin Plastic Small Outline Surface Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

8-SOIC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  8-SOIC Datasheet HTML 1Page - Bourns Electronic Solutions 8-SOIC Datasheet HTML 2Page - Bourns Electronic Solutions 8-SOIC Datasheet HTML 3Page - Bourns Electronic Solutions 8-SOIC Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PACKAGE MECHANICAL INFORMATION
8-SOIC
1
Specifications are subject to change without notice.
MAY 2004 — REVISED JANUARY 2006
Customers should verify actual device performance in their specific applications.
Package Outline Dimensions
NOTES: A. Leads are within 0.25 (0.010) radius of true position at maximum material condition.
B. Body dimensions do not include mold flash or protrusion.
C. Mold flash or protrusion shall not exceed 0.15 (0.006).
D. Lead tips to be planar within ±0.051 (0.002).
MD-8SOIC-001-b
5.80 - 6.20
(0.228 - 0.244)
4.80 - 5.00
(0.189 - 0.197)
8
7
6
5
4
3
2
1
3.81 - 4.00
(0.150 - 0.157)
7° NOM
3 Places
7° NOM
4 Places
4° ±4°
0.28 - 0.79
(0.011 - 0.031)
0.102 - 0.203
(0.004 - 0.008)
x 45° NOM
0.190 - 0.229
(0.0075 - 0.0090)
INDEX
Pin Spacing
1.27
(0.050)
(see Note A)
6 Places
1.35 - 1.75
(0.053 - 0.069)
0.36 - 0.51
(0.014 - 0.020)
8 Places
0.51 - 1.12
(0.020 - 0.044)
0.25 - 0.50
(0.010 - 0.020)
4.60 - 5.21
(0.181 - 0.205)
MS-012AA, JEDEC Publication 95
DIMENSIONS ARE :
MILLIMETERS
(INCHES)
8-Pin Plastic Small Outline Surface Mount


Similar Part No. - 8-SOIC

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
8-SERIES COPAL-8-SERIES Datasheet
1Mb / 10P
   Toggle Switches
More results

Similar Description - 8-SOIC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SOT-223 BOURNS-SOT-223 Datasheet
150Kb / 5P
   4-Pin Plastic Small Outline Surface Mount
logo
Fujitsu Component Limit...
FPT-8P-M02 FUJITSU-FPT-8P-M02 Datasheet
23Kb / 1P
   SMALL OUTLINE L-LEADED PACKAGE 8 PIN PLASTIC
logo
Texas Instruments
MPDS006C TI-MPDS006C Datasheet
33Kb / 2P
[Old version datasheet]   PLASTIC SMALL-OUTLINE
logo
Fujitsu Component Limit...
FPT-28P-M17 FUJITSU-FPT-28P-M17 Datasheet
36Kb / 1P
   SMALL OUTLINE L-LEADED PACKAGE 28 PIN PLASTIC
logo
Siemens Semiconductor G...
IL221A SIEMENS-IL221A Datasheet
53Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Fairchild Semiconductor
MOC215-M FAIRCHILD-MOC215-M Datasheet
492Kb / 9P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
logo
Siemens Semiconductor G...
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
   PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
   PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Fairchild Semiconductor
MOC215 FAIRCHILD-MOC215 Datasheet
495Kb / 9P
   SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com