Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A14V25A Datasheet(PDF) 10 Page - Microsemi Corporation

Part # A14V25A
Description  Accelerator Series FPGAs ??ACT 3 Family
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A14V25A Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button A14V25A Datasheet HTML 6Page - Microsemi Corporation A14V25A Datasheet HTML 7Page - Microsemi Corporation A14V25A Datasheet HTML 8Page - Microsemi Corporation A14V25A Datasheet HTML 9Page - Microsemi Corporation A14V25A Datasheet HTML 10Page - Microsemi Corporation A14V25A Datasheet HTML 11Page - Microsemi Corporation A14V25A Datasheet HTML 12Page - Microsemi Corporation A14V25A Datasheet HTML 13Page - Microsemi Corporation A14V25A Datasheet HTML 14Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
Detailed Specifications
2- 2
R e v ision 3
Logic Modules
ACT 3 logic modules are enhanced versions of the 1200XL family logic modules. As in the 1200XL
family, there are two types of modules: C-modules and S-modules (Figure 2-2 and Figure 2-3). The C-
module is functionally equivalent to the 1200XL C-module and implements high fanin combinatorial
macros, such as 5-input AND, 5-input OR, and so on. It is available for use as the CM8 hard macro. The
S-module is designed to implement high-speed sequential functions within a single module.
S-modules consist of a full C-module driving a flip-flop, which allows an additional level of logic to be
implemented without additional propagation delay. It is available for use as the DFM8A/B and DLM8A/B
hard macros. C-modules and S-modules are arranged in pairs called module-pairs. Module-pairs are
arranged in alternating patterns and make up the bulk of the array. This arrangement allows the
placement software to support two-module macros of four types (CC, CS, SC, and SS). The C-module
implements the following function:
Y = !S1 * !S0 * D00 + !S1 * S0 * D01 + S1 * !S0 * D10 + S1 * S0 * D11
EQ 1
where: S0 = A0 * B0 and S1 = A1 + B1
Figure 2-2 •
C-Module Diagram
Figure 2-3 •
S-Module Diagram
D11
D01
D00
D10
A1 B1
A0 B0
Y
OUT
S1
S0
CLR
CLK
D11
D01
D00
D10
A1 B1
A0 B0
Y
Q
D
OUT
S0
S1


Similar Part No. - A14V25A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14V25AA-1BG208B ACTEL-A14V25AA-1BG208B Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
A14V25AA-1BG208C ACTEL-A14V25AA-1BG208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
A14V25AA-1BG208I ACTEL-A14V25AA-1BG208I Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
A14V25AA-1BG208M ACTEL-A14V25AA-1BG208M Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
A14V25AA-1CQ208B ACTEL-A14V25AA-1CQ208B Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
More results

Similar Description - A14V25A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-CQ172B MICROSEMI-A1280A-CQ172B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com