Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPND-001T-C0.5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SPND-001T-C0.5
Description  2.0mm pitch/Disconnectable Crimp style connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPND-001T-C0.5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SPND-001T-C0.5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPND-001T-C0.5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SPND-001T-C0.5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
PNI CONNECTOR
B
A
B
A
6.55
1.9
6.55
1.9
2 1.4
2 1.4
Circuits
Model No.
With boss
Q’ty / box
B02B-PNISK-1
B03B-PNISK-1
B04B-PNISK-1
B05B-PNISK-1
2
3
4
5
1,000
1,000
500
500
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0, natural (white)
Dimensions (mm)
B
6.0
8.0
10.0
12.0
A
2.0
4.0
6.0
8.0
RoHS compliance This product displays (LF)(SN) on a label.
Glass-filled PBT
Glass-filled PA 66
Circuits
Model No.
With boss
Q’ty / box
B02B-PNISK-1A
B03B-PNISK-1A
B04B-PNISK-1A
B05B-PNISK-1A
B06B-PNISK-1A
B07B-PNISK-1A
B08B-PNISK-1A
B09B-PNISK-1A
B10B-PNISK-1A
2
3
4
5
6
7
8
9
10
1,000
1,000
500
500
350
300
250
250
250
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural (white)
Dimensions (mm)
B
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
A
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
RoHS compliance This product displays (LF)(SN) on a label.
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B02B-PNISK-1
S…natural (white) M…green R…red E…blue H…gray
K…black
ex.
B02B-PNISK-1A
S…natural (white) M…green R…red E…blue H…gray
LG…light green Y…yellow
<2 to 7 circuits>
<8 to 10 circuits>
Shrouded header


Similar Part No. - SPND-001T-C0.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPND-001T-C0.5 ETC2-SPND-001T-C0.5 Datasheet
232Kb / 8P
   Crimping tools and machines
SPND-001T-C0.5 ETC2-SPND-001T-C0.5 Datasheet
224Kb / 8P
   APPLICATION TOOLING
SPND-001T-C0.5 ETC2-SPND-001T-C0.5 Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
SPND-001T-C0.5 ETC2-SPND-001T-C0.5 Datasheet
102Kb / 3P
   2.0mm pitch/Crimp style wire-to-wire connectors
More results

Similar Description - SPND-001T-C0.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-2-BK ETC2-PHR-2-BK Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Japan Aviation Electron...
PHDR-30VS JAE-PHDR-30VS Datasheet
102Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
S16B-PUDSS-1 ETC2-S16B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
B6B-PH-SM4-TBLFSN ETC2-B6B-PH-SM4-TBLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B2B-PH-K-SLFSN ETC2-B2B-PH-K-SLFSN Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
B16B-PADSS ETC2-B16B-PADSS Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com