Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ6.0A Datasheet(PDF) 2 Page - AVX Corporation

Part # SMAJ6.0A
Description  Transient Suppression Diodes For General Purpose Use
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SMAJ6.0A Datasheet(HTML) 2 Page - AVX Corporation

  SMAJ6.0A Datasheet HTML 1Page - AVX Corporation SMAJ6.0A Datasheet HTML 2Page - AVX Corporation SMAJ6.0A Datasheet HTML 3Page - AVX Corporation SMAJ6.0A Datasheet HTML 4Page - AVX Corporation SMAJ6.0A Datasheet HTML 5Page - AVX Corporation SMAJ6.0A Datasheet HTML 6Page - AVX Corporation SMAJ6.0A Datasheet HTML 7Page - AVX Corporation SMAJ6.0A Datasheet HTML 8Page - AVX Corporation SMAJ6.0A Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Transient Suppression Diodes
For General Purpose Use
SMAJ SERIES PARAMETERS
SMAJ
Device
Working Peak
Breakdown Voltage
Maximum
Maximum
Maximum
Part Number
Marking
Reverse Voltage
V
BR @IT
Clamping
Reverse
Reverse
Code
V
RWM
Voltage V
C (V)
Surge Current
Leakage I
R (μA)
UNI-POLAR
BI-POLAR
UNI
BI
(V)
Min. (V) Max. (V) IT (mA)
@ I
PP
@10 x 1000μs
@V
RWM
SMAJ5.0A
SMAJ5.0CA
AE
WE
5
6.4
7
10
9.2
43.48
800
SMAJ6.0A
SMAJ6.0CA
AG
WG
6
6.7
7.37
10
10.3
38.83
800
SMAJ6.5A
SMAJ6.5CA
AK
WK
6.5
7.2
7.98
10
11.2
35.71
500
SMAJ7.0A
SMAJ7.0CA
AM
WM
7
7.8
8.6
10
12
33.33
200
SMAJ7.5A
SMAJ7.5CA
AP
WP
7.5
8.3
9.21
1
12.9
31.01
100
SMAJ8.0A
SMAJ8.0CA
AR
WR
8
8.9
9.83
1
13.6
29.41
50
SMAJ8.5A
SMAJ8.5CA
AT
WT
8.5
9.4
10.4
1
14.4
27.78
10
SMAJ9.0A
SMAJ9.0CA
AV
WV
9
10
11.1
1
15.4
25.97
1
SMAJ10A
SMAJ10CA
AX
WX
10
11.1
12.3
1
17
23.53
1
SMAJ11A
SMAJ11CA
AZ
WZ
11
12.2
13.5
1
18.2
21.98
1
SMAJ12A
SMAJ12CA
BE
XE
12
13.3
14.7
1
19.9
20.1
1
SMAJ13A
SMAJ13CA
BG
XG
13
14.4
15.9
1
21.5
18.6
1
SMAJ14A
SMAJ14CA
BK
XK
14
15.6
17.2
1
23.2
17.24
1
SMAJ15A
SMAJ15CA
BM
XM
15
16.7
18.5
1
24.4
16.39
1
SMAJ16A
SMAJ16CA
BP
XP
16
17.8
19.7
1
26
15.38
1
SMAJ17A
SMAJ17CA
BR
XR
17
18.9
20.9
1
27.6
14.49
1
SMAJ18A
SMAJ18CA
BT
XT
18
20
22.1
1
29.2
13.7
1
SMAJ19A
SMAJ19CA
BB
XB
19
21.1
23.3
1
30.8
13
1
SMAJ20A
SMAJ20CA
BV
XV
20
22.2
24.5
1
32.4
12.35
1
SMAJ22A
SMAJ22CA
BX
XX
22
24.4
26.9
1
35.5
11.27
1
SMAJ24A
SMAJ24CA
BZ
XZ
24
26.7
29.5
1
38.9
10.28
1
SMAJ26A
SMAJ26CA
CE
YE
26
28.9
31.9
1
42.1
9.5
1
SMAJ28A
SMAJ28CA
CG
YG
28
31.1
34.4
1
45.4
8.81
1
SMAJ30A
SMAJ30CA
CK
YK
30
33.3
36.8
1
48.4
8.26
1
SMAJ33A
SMAJ33CA
CM
YM
33
36.7
40.6
1
53.3
7.5
1
SMAJ36A
SMAJ36CA
CP
YP
36
40
44.2
1
58.1
6.88
1
SMAJ40A
SMAJ40CA
CR
YR
40
44.4
49.1
1
64.5
6.2
1
SMAJ43A
SMAJ43CA
CT
YT
43
47.8
52.8
1
69.4
5.76
1
SMAJ45A
SMAJ45CA
CV
YV
45
50
55.3
1
72.7
5.5
1
SMAJ48A
SMAJ48CA
CX
YX
48
53.3
58.9
1
77.4
5.17
1
SMAJ51A
SMAJ51CA
CZ
YZ
51
56.7
62.7
1
82.4
4.85
1
SMAJ54A
SMAJ54CA
RE
ZE
54
60
66.3
1
87.1
4.59
1
SMAJ58A
SMAJ58CA
RG
ZG
58
64.4
71.2
1
93.6
4.27
1
SMAJ60A
SMAJ60CA
RK
ZK
60
66.7
73.7
1
96.8
4.13
1
SMAJ64A
SMAJ64CA
RM
ZM
64
71.1
78.6
1
103
3.88
1
SMAJ70A
SMAJ70CA
RP
ZP
70
77.8
86
1
113
3.54
1
SMAJ75A
SMAJ75CA
RR
ZR
75
83.3
92.1
1
121
3.31
1
SMAJ78A
SMAJ78CA
RT
ZT
78
86.7
95.8
1
126
3.17
1
SMAJ80A
SMAJ80CA
RB
ZB
80
88.8
97.6
1
130
3.09
1
SMAJ85A
SMAJ85CA
RV
ZV
85
94.4
104
1
137
2.92
1
SMAJ90A
SMAJ90CA
RX
ZX
90
100
111
1
146
2.74
1
SMAJ100A
SMAJ100CA
RZ
ZZ
100
111
123
1
162
2.47
1
SMAJ110A
SMAJ110CA
SE
VE
110
122
135
1
177
2.26
1
SMAJ120A
SMAJ120CA
SG
VG
120
133
147
1
193
2.07
1
SMAJ130A
SMAJ130CA
SK
VK
130
144
159
1
209
1.91
1
SMAJ140A
SMAJ140CA
SB
VB
140
155
171
1
227
1.76
1
SMAJ150A
SMAJ150CA
SM
VM
150
167
185
1
243
1.65
1
SMAJ160A
SMAJ160CA
SP
VP
160
178
197
1
259
1.54
1
SMAJ170A
SMAJ170CA
SR
VR
170
189
209
1
275
1.45
1
SMAJ180A
SMAJ180CA
ST
VT
180
200
220
1
292
1.37
1
SMAJ190A
SMAJ190CA
SV
VV
190
211
232
1
308
1.3
1
SMAJ200A
SMAJ200CA
SW
VW
200
224
247
1
324
1.23
1
SMAJ220A
SMAJ220CA
SX
VX
220
246
272
1
356
1.12
1
SMAJ250A
SMAJ250CA
SZ
VZ
250
279
309
1
405
0.99
1
SMAJ300A
SMAJ300CA
DE
HE
300
335
371
1
486
0.82
1
SMAJ350A
SMAJ350CA
DG
HG
350
391
432
1
567
0.71
1
SMAJ400A
SMAJ400CA
DK
HK
400
447
494
1
648
0.62
1
SMAJ440A
SMAJ440CA
DM
HM
440
492
543
1
713
0.56
1
NOTES:
1. Suffix “A” denotes 5% tolerance device.
2. Add suffix “CA” after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.


Similar Part No. - SMAJ6.0A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ6.0A JGD-SMAJ6.0A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nanjing International G...
SMAJ6.0A DGNJDZ-SMAJ6.0A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Texas Instruments
SMAJ6.0A TI1-SMAJ6.0A Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
logo
First Silicon Co., Ltd
SMAJ6.0A FS-SMAJ6.0A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
SMAJ6.0A TAITRON-SMAJ6.0A Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMAJ6.0A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com