Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM219R60J106KE19 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # GRM219R60J106KE19
Description  2A Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

GRM219R60J106KE19 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  GRM219R60J106KE19 Datasheet HTML 1Page - Skyworks Solutions Inc. GRM219R60J106KE19 Datasheet HTML 2Page - Skyworks Solutions Inc. GRM219R60J106KE19 Datasheet HTML 3Page - Skyworks Solutions Inc. GRM219R60J106KE19 Datasheet HTML 4Page - Skyworks Solutions Inc. GRM219R60J106KE19 Datasheet HTML 5Page - Skyworks Solutions Inc. GRM219R60J106KE19 Datasheet HTML 6Page - Skyworks Solutions Inc. GRM219R60J106KE19 Datasheet HTML 7Page - Skyworks Solutions Inc. GRM219R60J106KE19 Datasheet HTML 8Page - Skyworks Solutions Inc. GRM219R60J106KE19 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
AAT1153
2A Step-Down Converter
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201992B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • March 18, 2013
Absolute Maximum Ratings1
Symbol
Description
Value
Units
IN, AIN
Input Supply Voltages
-0.3 to 6.0
V
VFB, VLX
FB, LX Voltages
-0.3 to VIN + 0.3
V
VEN
EN Voltage
-0.3 to VIN + 0.3
V
PGND, AGND
Ground Voltages
-0.3 to 6.0
V
TA
Operating Temperature Range
-40 to +85
°C
TSTORAGE
Storage Temperature
-65 to 150
°C
TLEAD
Lead Temperature (Soldering, 10s)
300
°C
Thermal Information2
Symbol
Description
Value
Units
JA
Thermal Resistance3
45
°C/W
PD
Maximum Thermal Dissipation at TA = 25°C
2.2
W
1. Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
2. TJ is calculated from the ambient temperature TA and power dissipation PD according to the following formula: TJ = TA + PD x JA.
3. Thermal Resistance is specified with approximately 1 square inch of 1 oz. copper.


Similar Part No. - GRM219R60J106KE19

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
246Kb / 13P
   1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
369Kb / 13P
   1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
217Kb / 13P
   1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
GRM219R60J106KE19 RICHTEK-GRM219R60J106KE19 Datasheet
223Kb / 11P
   Dual 800mA, 1.25MHz Synchronous Step-Down Converter
More results

Similar Description - GRM219R60J106KE19

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
   2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
   2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
   2A, Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE722E ACE-ACE722E Datasheet
1Mb / 16P
   3MHz 2A Step-Down Converter
VER 1.1
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
   2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP3219 POWER-LP3219 Datasheet
855Kb / 12P
   1.5MHz, 2A Step-Down Converter
logo
Diodes Incorporated
AP1513 DIODES-AP1513 Datasheet
176Kb / 8P
   PWM CONTROL 2A STEP-DOWN CONVERTER
AP1513 Rev. 1
logo
Active-Semi, Inc
ACT4060A_0906 ACTIVE-SEMI-ACT4060A_0906 Datasheet
257Kb / 12P
   Wide Input 2A Step Down Converter
Rev 1, 25-Jun-09
logo
Richtek Technology Corp...
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
   2A, 22V, 1.2MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com