Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C07P1-03P Datasheet(PDF) 10 Page - Anaren Microwave

Part # X3C07P1-03P
Description  30 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C07P1-03P Datasheet(HTML) 10 Page - Anaren Microwave

Back Button X3C07P1-03P Datasheet HTML 6Page - Anaren Microwave X3C07P1-03P Datasheet HTML 7Page - Anaren Microwave X3C07P1-03P Datasheet HTML 8Page - Anaren Microwave X3C07P1-03P Datasheet HTML 9Page - Anaren Microwave X3C07P1-03P Datasheet HTML 10Page - Anaren Microwave X3C07P1-03P Datasheet HTML 11Page - Anaren Microwave X3C07P1-03P Datasheet HTML 12Page - Anaren Microwave X3C07P1-03P Datasheet HTML 13Page - Anaren Microwave X3C07P1-03P Datasheet HTML 14Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model X3C26P1-30S
Rev A
Peak Power Handling
High-Pot testing of these couplers during the qualification procedure resulted in a minimum breakdown voltage of 1.40
kV. This voltage level corresponds to a breakdown resistance capable of handling at least 12dB peaks over average
power levels, for very short durations. The breakdown location consistently occurred across the air interface at the
coupler contact pads (see illustration below). The breakdown levels at these points will be affected by any
contamination in the gap area around these pads. These areas must be kept clean for optimum performance. It is
recommended that the user test for voltage breakdown under the maximum operating conditions and over worst case
modulation induced power peaking. This evaluation should also include extreme environmental conditions (such as
high humidity).
Orientation Marker
A printed circular feature appears on the top surface of the coupler to designate Pin 1. This orientation marker is not
intended to limit the use of the symmetry that these couplers exhibit but rather to facilitate consistent placement of
these parts into the tape and reel package. This ensures that the components are always delivered with the same
orientation. Refer to the table on page 2 of the data sheet for allowable pin configurations.
Test Plan
Xinger III 30dB couplers are manufactured in large panels and then separated. A sample population of parts is RF
small signal tested at room temperature in the fixture described above. All parts are DC tested for shorts/opens. (See
“Qualification Flow Chart” section for details on the accelerated life test procedures.)


Similar Part No. - X3C07P1-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C07P1-03 ANAREN-X3C07P1-03 Datasheet
663Kb / 26P
   Hybrid Coupler
X3C07P1-03S ANAREN-X3C07P1-03S Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
More results

Similar Description - X3C07P1-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C19P2-30S ANAREN-X3C19P2-30S Datasheet
697Kb / 22P
   30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S_14 Datasheet
671Kb / 23P
   30 dB Directional Coupler
XC2100B-30S ANAREN-XC2100B-30S Datasheet
651Kb / 22P
   30 dB Directional Coupler
XC0900B-30S ANAREN-XC0900B-30S Datasheet
635Kb / 22P
   30 dB Directional Coupler
XC2100A-30 ANAREN-XC2100A-30 Datasheet
613Kb / 22P
   30 dB Directional Coupler
X3C09P2-30S ANAREN-X3C09P2-30S Datasheet
650Kb / 23P
   30 dB Directional Coupler
logo
Tyco Electronics
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
   11 dB Directional Coupler 30 - 1000 MHz
logo
API Technologies Corp
C753E-10 APITECH-C753E-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-30 APITECH-C752E-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C751-30 APITECH-C751-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com