Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C21P1-03P Datasheet(PDF) 11 Page - Anaren Microwave

Part # X3C21P1-03P
Description  30 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C21P1-03P Datasheet(HTML) 11 Page - Anaren Microwave

Back Button X3C21P1-03P Datasheet HTML 7Page - Anaren Microwave X3C21P1-03P Datasheet HTML 8Page - Anaren Microwave X3C21P1-03P Datasheet HTML 9Page - Anaren Microwave X3C21P1-03P Datasheet HTML 10Page - Anaren Microwave X3C21P1-03P Datasheet HTML 11Page - Anaren Microwave X3C21P1-03P Datasheet HTML 12Page - Anaren Microwave X3C21P1-03P Datasheet HTML 13Page - Anaren Microwave X3C21P1-03P Datasheet HTML 14Page - Anaren Microwave X3C21P1-03P Datasheet HTML 15Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C26P1-30S
Rev A
Power Handling
The average power handling (total input power) of a Xinger coupler is a function of:
Internal circuit temperature.
Unit mounting interface temperature.
Unit thermal resistance
Power dissipated within the unit.
All thermal calculations are based on the following assumptions:
The unit has reached a steady state operating condition.
Maximum mounting interface temperature is 95
oC.
Conduction Heat Transfer through the mounting interface.
No Convection Heat Transfer.
No Radiation Heat Transfer.
The material properties are constant over the operating temperature range.
Finite element simulations are made for each unit. The simulation results are used to calculate the unit thermal
resistance. The finite element simulation requires the following inputs:
Unit material stack-up.
Material properties.
Circuit geometry.
Mounting interface temperature.
Thermal load (dissipated power).
The classical definition for dissipated power is temperature delta (
T) divided by thermal resistance (R). The
dissipated power (Pdis) can also be calculated as a function of the total input power (Pin) and the thermal insertion loss
(ILtherm):
)
(
10
1
10
W
P
R
T
P
therm
IL
in
dis
=
=
(1)
Power flow and nomenclature for an “H” style coupler is shown in Figure 1.


Similar Part No. - X3C21P1-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C21P1-03 ANAREN-X3C21P1-03 Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
X3C21P1-03S ANAREN-X3C21P1-03S Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
More results

Similar Description - X3C21P1-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C19P2-30S ANAREN-X3C19P2-30S Datasheet
697Kb / 22P
   30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S_14 Datasheet
671Kb / 23P
   30 dB Directional Coupler
XC2100B-30S ANAREN-XC2100B-30S Datasheet
651Kb / 22P
   30 dB Directional Coupler
XC0900B-30S ANAREN-XC0900B-30S Datasheet
635Kb / 22P
   30 dB Directional Coupler
XC2100A-30 ANAREN-XC2100A-30 Datasheet
613Kb / 22P
   30 dB Directional Coupler
X3C09P2-30S ANAREN-X3C09P2-30S Datasheet
650Kb / 23P
   30 dB Directional Coupler
logo
Tyco Electronics
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
   11 dB Directional Coupler 30 - 1000 MHz
logo
API Technologies Corp
C753E-10 APITECH-C753E-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-30 APITECH-C752E-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C751-30 APITECH-C751-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com