Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C35P1-03P Datasheet(PDF) 7 Page - Anaren Microwave

Part # X3C35P1-03P
Description  30 dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C35P1-03P Datasheet(HTML) 7 Page - Anaren Microwave

Back Button X3C35P1-03P Datasheet HTML 3Page - Anaren Microwave X3C35P1-03P Datasheet HTML 4Page - Anaren Microwave X3C35P1-03P Datasheet HTML 5Page - Anaren Microwave X3C35P1-03P Datasheet HTML 6Page - Anaren Microwave X3C35P1-03P Datasheet HTML 7Page - Anaren Microwave X3C35P1-03P Datasheet HTML 8Page - Anaren Microwave X3C35P1-03P Datasheet HTML 9Page - Anaren Microwave X3C35P1-03P Datasheet HTML 10Page - Anaren Microwave X3C35P1-03P Datasheet HTML 11Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C26P1-30S
Rev A
Notes on RF Testing and Circuit Layout
The X3C26P1-30S Surface Mount Couplers require the use of a test fixture for verification of RF performance. This
test fixture is designed to evaluate the coupler in the same environment that is recommended for installation.
Enclosed inside the test fixture, is a circuit board that is fabricated using the recommended footprint. The part being
tested is placed into the test fixture and pressure is applied to the top of the device using a pneumatic piston. A four
port Vector Network Analyzer is connected to the fixture and is used to measure the S-parameters of the part. Worst
case values for each parameter are found and compared to the specification. These worst case values are reported to
the test equipment operator along with a Pass or Fail flag. See the illustrations below.
30 dB
Test Board
Test Board
In Fixture
Test Station


Similar Part No. - X3C35P1-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C35P1-03S ANAREN-X3C35P1-03S Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
More results

Similar Description - X3C35P1-03P

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C19P2-30S ANAREN-X3C19P2-30S Datasheet
697Kb / 22P
   30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S_14 Datasheet
671Kb / 23P
   30 dB Directional Coupler
XC2100B-30S ANAREN-XC2100B-30S Datasheet
651Kb / 22P
   30 dB Directional Coupler
XC0900B-30S ANAREN-XC0900B-30S Datasheet
635Kb / 22P
   30 dB Directional Coupler
XC2100A-30 ANAREN-XC2100A-30 Datasheet
613Kb / 22P
   30 dB Directional Coupler
X3C09P2-30S ANAREN-X3C09P2-30S Datasheet
650Kb / 23P
   30 dB Directional Coupler
logo
Tyco Electronics
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
   11 dB Directional Coupler 30 - 1000 MHz
logo
API Technologies Corp
C753E-10 APITECH-C753E-10 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C752E-30 APITECH-C752E-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C751-30 APITECH-C751-30 Datasheet
165Kb / 3P
   DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com