Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ110A Datasheet(PDF) 6 Page - AVX Corporation

Part # SMAJ110A
Description  Transient Suppression Diodes For General Purpose Use
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SMAJ110A Datasheet(HTML) 6 Page - AVX Corporation

Back Button SMAJ110A Datasheet HTML 2Page - AVX Corporation SMAJ110A Datasheet HTML 3Page - AVX Corporation SMAJ110A Datasheet HTML 4Page - AVX Corporation SMAJ110A Datasheet HTML 5Page - AVX Corporation SMAJ110A Datasheet HTML 6Page - AVX Corporation SMAJ110A Datasheet HTML 7Page - AVX Corporation SMAJ110A Datasheet HTML 8Page - AVX Corporation SMAJ110A Datasheet HTML 9Page - AVX Corporation SMAJ110A Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Transient Suppression Diodes
For General Purpose Use
SMCJ SERIES PARAMETERS
SMCJ
Device
Working Peak
Breakdown Voltage
Maximum
Maximum
Maximum
Part Number
Marking
Reverse Voltage
V
BR @IT
Clamping
Reverse
Reverse
Code
V
RWM
Voltage V
C (V)
Surge Current
Leakage I
R (μA)
UNI-POLAR
BI-POLAR
UNI
BI
(V)
Min. (V) Max. (V) IT (mA)
@ I
PP
@10 x 1000μs
@V
RWM
SMCJ5.0A
SMCJ5.0CA
GDE
BDE
5.0
6.40
7.00
10
9.2
163.0
1000
SMCJ6.0A
SMCJ6.0CA
GDG
BDG
6.0
6.67
7.37
10
10.3
145.6
1000
SMCJ6.5A
SMCJ6.5CA
GDK
BDK
6.5
7.22
7.98
10
11.2
133.9
500
SMCJ7.0A
SMCJ7.0CA
GDM
BDM
7.0
7.78
8.60
10
12.0
125.0
200
SMCJ7.5A
SMCJ7.5CA
GDP
BDP
7.5
8.33
9.21
1
12.9
116.3
100
SMCJ8.0A
SMCJ8.0CA
GDR
BDR
8.0
8.89
9.83
1
13.6
110.3
50
SMCJ8.5A
SMCJ8.5CA
GDT
BDT
8.5
9.44
10.40
1
14.4
104.2
20
SMCJ9.0A
SMCJ9.0CA
GDV
BDV
9.0
10.00
11.10
1
15.4
97.4
10
SMCJ10A
SMCJ10CA
GDX
BDX
10
11.10
12.30
1
17.0
88.2
1
SMCJ11A
SMCJ11CA
GDZ
BDZ
11
12.20
13.50
1
18.2
82.4
1
SMCJ12A
SMCJ12CA
GEE
BEE
12
13.30
14.70
1
19.9
75.4
1
SMCJ13A
SMCJ13CA
GEG
BEG
13
14.40
15.90
1
21.5
69.8
1
SMCJ14A
SMCJ14CA
GEK
BEK
14
15.60
17.20
1
23.2
64.7
1
SMCJ15A
SMCJ15CA
GEM
BEM
15
16.70
18.50
1
24.4
61.5
1
SMCJ16A
SMCJ16CA
GEP
BEP
16
17.80
19.70
1
26.0
57.7
1
SMCJ17A
SMCJ17CA
GER
BER
17
18.90
20.90
1
27.6
54.3
1
SMCJ18A
SMCJ18CA
GET
BET
18
20.00
22.10
1
29.2
51.4
1
SMCJ19A
SMCJ19CA
GEB
BEB
19
21.10
23.30
1
30.8
48.7
1
SMCJ20A
SMCJ20CA
GEV
BEV
20
22.20
24.50
1
32.4
46.3
1
SMCJ22A
SMCJ22CA
GEX
BEX
22
24.40
26.90
1
35.5
42.3
1
SMCJ24A
SMCJ24CA
GEZ
BEZ
24
26.70
29.50
1
38.9
38.6
1
SMCJ26A
SMCJ26CA
GFE
BFE
26
28.90
31.90
1
42.1
35.6
1
SMCJ28A
SMCJ28CA
GFG
BFG
28
31.10
34.40
1
45.4
33.0
1
SMCJ30A
SMCJ30CA
GFK
BFK
30
33.30
36.80
1
48.4
31.0
1
SMCJ33A
SMCJ33CA
GFM
BFM
33
36.70
40.60
1
53.3
28.1
1
SMCJ36A
SMCJ36CA
GFP
BFP
36
40.00
44.20
1
58.1
25.8
1
SMCJ40A
SMCJ40CA
GFR
BFR
40
44.40
49.10
1
64.5
23.3
1
SMCJ43A
SMCJ43CA
GFT
BFT
43
47.80
52.80
1
69.4
21.6
1
SMCJ45A
SMCJ45CA
GFV
BFV
45
50.00
55.30
1
72.7
20.6
1
SMCJ48A
SMCJ48CA
GFX
BFX
48
53.30
58.90
1
77.4
19.4
1
SMCJ51A
SMCJ51CA
GFZ
BFZ
51
56.70
62.70
1
82.4
18.2
1
SMCJ54A
SMCJ54CA
GGE
BGE
54
60.00
66.30
1
87.1
17.2
1
SMCJ58A
SMCJ58CA
GGG
BGG
58
64.40
71.20
1
93.6
16.0
1
SMCJ60A
SMCJ60CA
GGK
BGK
60
66.70
73.70
1
96.8
15.5
5
SMCJ64A
SMCJ64CA
GGM
BGM
64
71.10
78.60
1
103
14.6
1
SMCJ70A
SMCJ70CA
GGP
BGP
70
77.80
86.00
1
113
13.3
1
SMCJ75A
SMCJ75CA
GGR
BGR
75
83.30
92.10
1
121
12.4
1
SMCJ78A
SMCJ78CA
GGT
BGT
78
86.70
95.80
1
126
11.9
1
SMCJ80A
SMCJ80CA
GGB
BGB
80
88.80
97.60
1
130
11.6
1
SMCJ85A
SMCJ85CA
GGV
BGV
85
94.40
104
1
137
10.9
1
SMCJ90A
SMCJ90CA
GGX
BGX
90
100
111
1
146
10.3
1
SMCJ100A
SMCJ100CA
GGZ
BGZ
100
111
123
1
162
9.3
1
SMCJ110A
SMCJ110CA
GHE
BHE
110
122
135
1
177
8.5
1
SMCJ120A
SMCJ120CA
GHG
BHG
120
133
147
1
193
7.8
1
SMCJ130A
SMCJ130CA
GHK
BHK
130
144
159
1
209
7.2
1
SMCJ140A
SMCJ140CA
GHB
BHB
140
155
171
1
227
6.6
1
SMCJ150A
SMCJ150CA
GHM
BHM
150
167
185
1
243
6.2
1
SMCJ160A
SMCJ160CA
GHP
BHP
160
178
197
1
259
5.8
1
SMCJ170A
SMCJ170CA
GHR
BHR
170
189
209
1
275
5.5
1
SMCJ180A
SMCJ180CA
GHT
BHT
180
200
220
1
291
5.1
1
SMCJ190A
SMCJ190CA
GHV
BHV
190
211
232
1
308
4.9
1
SMCJ200A
SMCJ200CA
GHW
BHW
200
224
247
1
324
4.6
1
SMCJ220A
SMCJ220CA
GHX
BHX
220
246
272
1
356
4.2
1
SMCJ250A
SMCJ250CA
GHZ
BHZ
250
279
309
1
405
3.7
1
SMCJ300A
SMCJ300CA
GJE
BJE
300
335
371
1
486
3.1
1
SMCJ350A
SMCJ350CA
GJG
BJG
350
391
432
1
567
2.6
1
SMCJ400A
SMCJ400CA
GJK
BJK
400
447
494
1
648
2.3
1
SMCJ440A
SMCJ440CA
GJM
BJM
440
492
543
1
713
2.1
1
NOTES:
1. Suffix “A” denotes 5% tolerance device.
2. Add suffix “CA” after part number to specify Bi-directional devices.
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.


Similar Part No. - SMAJ110A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMAJ110A LUGUANG-SMAJ110A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
DIYI Electronic Technol...
SMAJ110A DYELEC-SMAJ110A Datasheet
530Kb / 5P
   Excellent clamping capability
logo
AiT Semiconductor Inc.
SMAJ110A AITSEMI-SMAJ110A Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
logo
Jinan Gude Electronic D...
SMAJ110A JGD-SMAJ110A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ110A SOCAY-SMAJ110A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ110A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
P6KE LITTELFUSE-P6KE Datasheet
139Kb / 5P
   Transient Voltage Suppression Diodes
1KSMB6.8A LITTELFUSE-1KSMB6.8A Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com