Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQH66SNR68M03 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH66SNR68M03
Description  Chip Coils for Choke Large Current Type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH66SNR68M03 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH66SNR68M03 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH66SNR68M03 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
1
o This data sheet is applied for CHIP COIL used for General Electronics equipment for your design.
2007.9.6
Coils/Inductors/Microchip Transformer > Chip Coils > for Choke Large Current Type
6.3
±0.3
6.3
±0.3
6.3
±0.3
(in mm)
1.7
min.
1.3
min.
1.3
min.
EIA Code:2525
Chip Coils for Choke Large Current Type
LQH66S Series (2525 Size)
I Dimension
I Packaging
Code
Packaging
Minimum Quantity
L
180mm Embossed Tape
350
K
330mm Embossed Tape
1500
I Rated Value (p: packaging code)
Part Number
Inductance
Test Frequency
Rated Current
DC Resistance
Self Resonance Frequency (min.)
LQH66SNR27M03p
0.27
µH±20%
1MHz
6000mA
0.007ohm
±40%
300MHz
LQH66SNR68M03p
0.68
µH±20%
1MHz
5300mA
0.010ohm
±40%
180MHz
LQH66SN1R0M03p
1.0
µH±20%
1MHz
4700mA
0.013ohm
±40%
150MHz
LQH66SN1R5M03p
1.5
µH±20%
1MHz
3800mA
0.016ohm
±40%
110MHz
LQH66SN2R2M03p
2.2
µH±20%
1MHz
3300mA
0.019ohm
±40%
80MHz
LQH66SN3R3M03p
3.3
µH±20%
1MHz
2600mA
0.022ohm
±40%
40MHz
LQH66SN4R7M03p
4.7
µH±20%
1MHz
2200mA
0.025ohm
±40%
30MHz
LQH66SN6R8M03p
6.8
µH±20%
1MHz
1800mA
0.029ohm
±40%
25MHz
LQH66SN100M03p
10
µH±20%
1MHz
1600mA
0.036ohm
±40%
20MHz
LQH66SN150M03p
15
µH±20%
1MHz
1300mA
0.069ohm
±40%
17MHz
LQH66SN220M03p
22
µH±20%
1MHz
1100mA
0.087ohm
±40%
15MHz
LQH66SN330M03p
33
µH±20%
1MHz
860mA
0.14ohm
±40%
12MHz
LQH66SN470M03p
47
µH±20%
1MHz
760mA
0.17ohm
±40%
10MHz
LQH66SN680M03p
68
µH±20%
1MHz
600mA
0.29ohm
±40%
7.6MHz
LQH66SN101M03p
100
µH±20%
100kHz
520mA
0.36ohm
±40%
6.5MHz
LQH66SN151M03p
150
µH±20%
100kHz
420mA
0.63ohm
±40%
5.0MHz
LQH66SN221M03p
220
µH±20%
100kHz
350mA
0.79ohm
±40%
4.0MHz
LQH66SN331M03p
330
µH±20%
100kHz
280mA
1.8ohm
±40%
3.2MHz
LQH66SN471M03p
470
µH±20%
100kHz
240mA
2.2ohm
±40%
2.5MHz
LQH66SN681M03p
680
µH±20%
100kHz
200mA
3.9ohm
±40%
2.0MHz
LQH66SN102M03p
1000
µH±20%
10kHz
160mA
4.9ohm
±40%
1.7MHz
LQH66SN222M03p
2200
µH±20%
10kHz
100mA
9.4ohm
±40%
1.2MHz
LQH66SN472M03p
4700
µH±20%
10kHz
70mA
19.5ohm
±40%
0.8MHz
Operating Temperature Range: -40
°C to +80°C
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQH66SNR68M03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH66SNR68M03 MURATA-LQH66SNR68M03 Datasheet
62Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type for Choke)
More results

Similar Description - LQH66SNR68M03

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH55DN4R7M03L MURATA-LQH55DN4R7M03L Datasheet
50Kb / 2P
   Chip Coils for Choke Large Current Type
LQH43C MURATA-LQH43C Datasheet
54Kb / 2P
   Chip Coils for Choke Wire Wound Type
LQH31CN1R0M03L MURATA-LQH31CN1R0M03L Datasheet
47Kb / 2P
   Chip Coils for Choke Wire Wound Type
DLW5BSN191SQ2L MURATA-DLW5BSN191SQ2L Datasheet
73Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current
NFM21PC474R1C3D MURATA-NFM21PC474R1C3D Datasheet
50Kb / 2P
   Single Circuit Type for Large Current
DLW5AHN402SQ2L MURATA-DLW5AHN402SQ2L Datasheet
73Kb / 2P
   Common Mode Choke Coil Wire Wound Type for Large Current(2014/2020 Size)
logo
TDK Electronics
PFC2723ER-601K02B-00 TDK-PFC2723ER-601K02B-00 Datasheet
216Kb / 3P
   Choke Coils for PFC
PFC3514QM-231K06B-00 TDK-PFC3514QM-231K06B-00 Datasheet
239Kb / 3P
   Choke Coils for PFC
PFC3514QM-351K04B-00 TDK-PFC3514QM-351K04B-00 Datasheet
238Kb / 3P
   Choke Coils for PFC
PFC3519QM-231K07B-50 TDK-PFC3519QM-231K07B-50 Datasheet
235Kb / 3P
   Choke Coils for PFC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com