Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD580 Datasheet(PDF) 3 Page - Analog Devices

Part # AD580
Description  High Precision,2.5 V IC Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD580 Datasheet(HTML) 3 Page - Analog Devices

  AD580 Datasheet HTML 1Page - Analog Devices AD580 Datasheet HTML 2Page - Analog Devices AD580 Datasheet HTML 3Page - Analog Devices AD580 Datasheet HTML 4Page - Analog Devices AD580 Datasheet HTML 5Page - Analog Devices AD580 Datasheet HTML 6Page - Analog Devices AD580 Datasheet HTML 7Page - Analog Devices AD580 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD580
Rev. B | Page 3 of 8
SPECIFICATIONS
Table 1. VIN = 15 V and 25°C
AD580J
AD580K
AD580L
AD580M
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT VOLTAGE TOLERANCE
Error from Nominal 2.500 V Output
±75
±25
±10
±10
mV
OUTPUT VOLTAGE CHANGE
TMIN to TMAX
15
7
4.3
1.75
mV
85
40
25
10
ppm/°C
LINE REGULATION
7 V ≤ VIN ≤ 30 V
1.5
61
1.5
4
2
2
mV
4.5 V ≤ VIN ≤ 7 V
0.3
3
0.3
2
1
1
mV
LOAD REGULATION
∆I = 10 mA
10
10
10
10
mV
QUIESCENT CURRENT
1.0
1.5
1.0
1.5
1.0
1.5
1.0
1.5
mA
NOISE (0.1 Hz to 10 Hz)
8
8
8
8
µV p-p
STABILITY
Long Term
250
250
250
250
µV
Per Month
25
25
25
25
µV
TEMPERATURE PERFORMANCE
Specified
0
+70
0
+70
0
+70
0
+70
°C
Operating
–55
+125
–55
+125
–55
+125
–55
+125
°C
Storage
–65
+175
–65
+175
–65
+175
–65
+175
°C
PACKAGE OPTION2 TO-52 (H-03A)
AD580JH
AD580KH
AD580LH
AD580MH
Table 2.
AD580S
AD580T
AD580U
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OUTPUT VOLTAGE TOLERANCE
Error from Nominal 2.500 V Output
±251
±10
±10
mV
OUTPUT VOLTAGE CHANGE
TMIN to TMAX
25
11
4.5
mV
55
25
10
ppm/°C
LINE REGULATION
7 V ≤ VIN ≤ 30 V
1.5
6
2
2
mV
4.5 V ≤ VIN ≤ 7 V
0.3
3
1
1
mV
LOAD REGULATION
∆I = 10 mA
10
10
10
mV
QUIESCENT CURRENT
1.0
1.5
1.0
1.5
1.0
1.5
mA
NOISE (0.1 Hz to 10 Hz)
8
8
8
µV p-p
STABILITY
Long Term
250
250
250
µV
Per Month
25
25
25
µV
TEMPERATURE PERFORMANCE
Specified
–55
+125
–55
+125
–55
+125
°C
Operating
–55
+150
–55
+150
–55
+150
°C
Storage
–65
+175
–65
+175
–65
+175
°C
PACKAGE OPTION2 TO-52 (H-03A)
AD580SH
AD580TH
AD580UH
1 Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate outgoing quality levels. All min
and max specifications are guaranteed, although only those shown in boldface are tested on all production units.
2 H = Metal Can.


Similar Part No. - AD580

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
AD580 AD-AD580 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD5801 AD-AD5801 Datasheet
196Kb / 13P
   Piezo-Electric Actuator Controller
AD5801 AD-AD5801 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5801 AD-AD5801 Datasheet
395Kb / 6P
   Tape and Reel Packaging
More results

Similar Description - AD580

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD580 AD-AD580 Datasheet
251Kb / 6P
   High Precision 2.5 V IC Reference
REV. A
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780 AD-AD780 Datasheet
178Kb / 10P
   2.5 V/3.0 V High Precision Reference
REV. B
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
   2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
   2.5 V/3.0 V High Precision Reference
Rev. F
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com