Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD590KRZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD590KRZ
Description  2-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590KRZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD590KRZ Datasheet HTML 6Page - Analog Devices AD590KRZ Datasheet HTML 7Page - Analog Devices AD590KRZ Datasheet HTML 8Page - Analog Devices AD590KRZ Datasheet HTML 9Page - Analog Devices AD590KRZ Datasheet HTML 10Page - Analog Devices AD590KRZ Datasheet HTML 11Page - Analog Devices AD590KRZ Datasheet HTML 12Page - Analog Devices AD590KRZ Datasheet HTML 13Page - Analog Devices AD590KRZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD590
Data Sheet
Rev. G | Page 10 of 16
GENERAL APPLICATIONS
Figure 17 shows a typical use of the AD590 in a remote
temperature sensing application. The AD590 is used as a
thermometer circuit that measures temperature from −55°C to
+150°C, with an output voltage of 1 mV/°K. Because the
AD590 measures absolute temperature (its nominal output is
1 mA/K), the output must be offset by 273.2 mA to read out in
degrees Celsius.
Figure 17. Variable Scale Display
Connecting several AD590 units in series, as shown in Figure 18,
allows the minimum of all the sensed temperatures to be
indicated. In contrast, using the sensors in parallel yields the
average of the sensed temperatures.
Figure 18. Series and Parallel Connection
The circuit in Figure 19 demonstrates one method by which
differential temperature measurements can be made. R1 and R2
can be used to trim the output of the op amp to indicate a
desired temperature difference. For example, the inherent offset
between the two devices can be trimmed in. If V+ and V− are
radically different, then the difference in internal dissipation
causes a differential internal temperature rise. This effect can be
used to measure the ambient thermal resistance seen by the
sensors in applications such as fluid-level detectors or anemometry.
Figure 19. Differential Measurements
Figure 20 is an example of a cold junction compensation circuit
for a Type J thermocouple using the AD590 to monitor the
reference junction temperature. This circuit replaces an ice-bath
as the thermocouple reference for ambient temperatures
between 15°C and 35°C. The circuit is calibrated by adjusting RT
for a proper meter reading with the measuring junction at a
known reference temperature and the circuit near 25°C. Using
components with the TCs as specified in Figure 20, compensation
accuracy is within ±0.5°C for circuit temperatures between 15°C
and 35°C. Other thermocouple types can be accommodated with
different resistor values. Note that the TCs of the voltage
reference and the resistors are the primary contributors to error.
Figure 20. Cold Junction Compensation Circuit for Type J Thermocouple
AD590
IT
IT
IT
+
7V
1k
0.1% LOW
TCR RESISTOR
1mV/k
AD590
+
AD590
+
AD590
+
+
VT MIN
10k
(0.1%)
+
AD590
+
+
+
VT AVG
333.3
(0.1%)
5V
15V
AD590L
#2
+
AD590L
#1
+
R4
10k
R3
10k
R1
5M
R2
50k
V+
(T1 – T2) × (10mV/°C)
V–
OP177
+
+
REFERENCE
JUNCTION
IRON
+
7.5V
AD590
AD580
CONSTANTAN
MEASURING
JUNCTION
RESISTORS ARE 1%, 50ppm/°C
METER
+
+
CU
52.3
8.66k
VOUT
RT
1k


Similar Part No. - AD590KRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590KRZ AD-AD590KRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590KRZ AD-AD590KRZ Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KRZ AD-AD590KRZ Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KRZ-RL AD-AD590KRZ-RL Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590KRZ-RL AD-AD590KRZ-RL Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

Similar Description - AD590KRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590 AD-AD590 Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com