Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD667883B Datasheet(PDF) 3 Page - Analog Devices

Part # AD667883B
Description  Microprocessor-Compatible 12-Bit D/A Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD667883B Datasheet(HTML) 3 Page - Analog Devices

  AD667883B Datasheet HTML 1Page - Analog Devices AD667883B Datasheet HTML 2Page - Analog Devices AD667883B Datasheet HTML 3Page - Analog Devices AD667883B Datasheet HTML 4Page - Analog Devices AD667883B Datasheet HTML 5Page - Analog Devices AD667883B Datasheet HTML 6Page - Analog Devices AD667883B Datasheet HTML 7Page - Analog Devices AD667883B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD667
Model
AD667A
AD667B
AD667S
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
DIGITAL INPUTS
Resolution
12
12
12
Bits
Logic Levels (TTL, Compatible, TMIN–TMAX)
1
VIH (Logic “l’’)
+2.0
+5.5
+2.0
+5.5
+2.0
+5.5
V
VIL (Logic “0”)
0
+0.8
0
+0.8
0
+0.7
V
IIH (VIH = 5.5 V)
3
10
3
10
3
10
µA
IIL (VIL = 0.8 V)
1
5
1
5
1
5
µA
TRANSFER CHARACTERISTICS
ACCURACY
Linearity Error @ +25
°C
+1/4
1/2
± 1/8
1/4
± 1/8
1/2
LSB
TA = TMIN to TMAX
± 1/2
3/4
± 1/4
1/2
± 1/8
3/4
LSB
Differential Linearity Error @ +25
°C
± 1/2
3/4
± 1/4
1/2
± 1/4
3/4
LSB
TA = TMIN to TMAX
Monotonicity Guaranteed
Monotonicity Guaranteed
Monotonicity Guaranteed
LSB
Gain Error
2
± 0.1
0.2
± 0.1
0.2
± 0.1
0.2
% FSR
3
Unipolar Offset Error
2
± 1
2
± 1
2
± 1
2
LSB
Bipolar Zero
2
± 0.05
0.1
± 0.05
0.1
± 0.05
0.1
% of FSR
DRIFT
Differential Linearity
± 2
± 2
± 2
ppm of FSR/
°C
Gain (Full Scale) TA = 25
°C to T
MIN or TMAX
± 5
± 30
± 5
± 15
± 15
30
ppm of FSR/
°C
Unipolar Offset TA = 25
°C to T
MIN or TMAX
± 1
± 3
± 3
3
ppm of FSR/
°C
Bipolar Zero TA = 25
°C to T
MIN or TMAX
± 5
± 10
± 10
10
ppm of FSR/
°C
CONVERSION SPEED
Settling Time to
±0.01% of FSR for
FSR Change (2 k
Ω 500 pF Load)
with 10 k
Ω Feedback
3
4
3
4
3
4
µs
with 5 k
Ω Feedback
2
3
2
3
2
3
µs
For LSB Change
1
1
1
µs
Slew Rate
10
10
10
V/
µs
ANALOG OUTPUT
Ranges
4
± 2.5, ±5, ±10,
± 2.5, ± 5, ±10,
± 2.5, ± 5, ±10,
V
+5, +10
+5, +10
+5, +10
Output Current
± 5
± 5
± 5mA
Output Impedance (DC)
0.05
0.05
0.05
Short Circuit Current
40
40
40
mA
REFERENCE OUTPUT
9.90
10.00
10.10
9.90
10.00
10.10
9.90
10.00
10.10
V
External Current
0.1
1.0
0.1
1.0
1.0
mA
POWER SUPPLY SENSITIVITY
VCC = +11.4 V to +16.5 V dc
5
10
5
10
5
10
ppm of FS/%
VEE = –11.4 V to –16.5 V dc
5
10
5
10
5
10
ppm of FS/%
POWER SUPPLY REQUIREMENTS
Rated Voltages
± 12, ± 15
± 12, ± 15
± 12, ± 15
V
Range
4
11.4
16.5
11.4
16.5
11.4
16.5
V
Supply Current
+11.4 V to +16.5 V dc
8
12
8
12
8
12
mA
–11.4 V to –16.5 V dc
20
25
20
25
20
25
mA
TEMPERATURE RANGE
Specification
–25
+85
–25
+85
–55
+125
°C
Storage
–65
+150
–65
+150
–65
+150
°C
TIMING DIAGRAMS
WRITE CYCLE #1
(Load First Rank from Data Bus; A3 = 1)
WRITE CYCLE #2
(Load Second Rank from First Rank; A2, A1, A0 = 1)
REV. A
–3–


Similar Part No. - AD667883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD667883B AD-AD667883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results

Similar Description - AD667883B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
logo
Intersil Corporation
ICL7109 INTERSIL-ICL7109 Datasheet
962Kb / 25P
   12-Bit, Microprocessor- Compatible A/D Converter
logo
Analog Devices
AD767KNZ AD-AD767KNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD567SD AD-AD567SD Datasheet
7Mb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
AD667 AD-AD667_15 Datasheet
759Kb / 8P
   Microprocessor Compatible 12 bit D/A Converter
REV. A
AD667 AD-AD667 Datasheet
327Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com