Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD745KRZ-16 Datasheet(PDF) 4 Page - Analog Devices

Part # AD745KRZ-16
Description  Ultralow Noise, High Speed, BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD745KRZ-16 Datasheet(HTML) 4 Page - Analog Devices

  AD745KRZ-16 Datasheet HTML 1Page - Analog Devices AD745KRZ-16 Datasheet HTML 2Page - Analog Devices AD745KRZ-16 Datasheet HTML 3Page - Analog Devices AD745KRZ-16 Datasheet HTML 4Page - Analog Devices AD745KRZ-16 Datasheet HTML 5Page - Analog Devices AD745KRZ-16 Datasheet HTML 6Page - Analog Devices AD745KRZ-16 Datasheet HTML 7Page - Analog Devices AD745KRZ-16 Datasheet HTML 8Page - Analog Devices AD745KRZ-16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. D
AD745
–4–
–Typical Performance Characteristics (@ + 25 C, V
S =
15 V, unless otherwise noted.)
SUPPLY VOLTAGE
VOLTS
20
0
15
10
5
0
510
15
20
RLOAD = 10k
+VIN
–VIN
TPC 1. Input Voltage Swing vs.
Supply Voltage
SUPPLY VOLTAGE
VOLTS
12
0
9
6
3
0
510
15
20
TPC 4. Quiescent Current vs.
Supply Voltage
COMMON-MODE VOLTAGE – V
300
–12
200
100
0
–9
–6
–30
3
6
9
12
TPC 7. Input Bias Current vs.
Common-Mode Voltage
LOAD RESISTANCE –
35
10
30
25
20
15
10
5
0
100
1k
10k
TPC 3. Output Voltage Swing vs.
Load Resistance
FREQUENCY – Hz
200
10k
100
10
1
0.1
0.01
100k
1M
10M
100M
CLOSED LOOP GAIN = –5
TPC 6. Output Impedance vs.
Frequency
TEMPERATURE – C
28
–60
26
24
22
20
18
16
–40 –20
0
20
40 60
80 100 120 140
14
TPC 9. Gain Bandwidth Product vs.
Temperature
SUPPLY VOLTAGE
VOLTS
20
0
15
10
5
0
510
15
20
RLOAD = 10k
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
TPC 2. Output Voltage Swing vs.
Supply Voltage
TEMPERATURE – C
10–6
–60
10–7
10–8
10–9
10–10
10–11
10–12
–40 –20
0
20
40 60
80 100 120 140
TPC 5. Input Bias Current vs.
Temperature
TEMPERATURE – C
10–6
–60
10–7
10–8
10–9
10–10
10–11
10–12
–40 –20
0
20
40 60
80 100 120 140
TPC 8. Short Circuit Current Limit vs.
Temperature


Similar Part No. - AD745KRZ-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD745KR-16 AD-AD745KR-16 Datasheet
338Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KR-16 AD-AD745KR-16 Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KR-16 AD-AD745KR-16 Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KR-16 AD-AD745KR-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results

Similar Description - AD745KRZ-16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745JRZ-16 AD-AD745JRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745 AD-AD745 Datasheet
338Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745 AD-AD745_15 Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com