Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8061 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8061
Description  Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8061 Datasheet(HTML) 2 Page - Analog Devices

  AD8061 Datasheet HTML 1Page - Analog Devices AD8061 Datasheet HTML 2Page - Analog Devices AD8061 Datasheet HTML 3Page - Analog Devices AD8061 Datasheet HTML 4Page - Analog Devices AD8061 Datasheet HTML 5Page - Analog Devices AD8061 Datasheet HTML 6Page - Analog Devices AD8061 Datasheet HTML 7Page - Analog Devices AD8061 Datasheet HTML 8Page - Analog Devices AD8061 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AD5547/AD5557
Data Sheet
Rev. D | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Electrical Characteristics............................................................. 3
Absolute Maximum Ratings............................................................ 5
ESD Caution.................................................................................. 5
Pin Configurations and Function Descriptions ........................... 6
Typical Performance Characteristics ........................................... 10
Circuit Operation ........................................................................... 12
DAC Section................................................................................ 12
Digital Section ............................................................................ 13
PCB Layout, Power Supply Bypassing, and Ground
Connections ................................................................................ 13
Applications Information .............................................................. 14
Unipolar Mode ........................................................................... 14
Bipolar Mode .............................................................................. 16
Reference Selection .................................................................... 18
Amplifier Selection .................................................................... 18
Outline Dimensions....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
11/12—Rev. C to Rev. D
Changes to Figure 22...................................................................... 15
11/11—Rev. B to Rev. C
Added Figure 14; Renumbered Sequentially .............................. 11
4/10—Rev. A to Rev. B
Changes to Features Section and General Description Section . 1
Changes to Table 1............................................................................ 3
Deleted Figure 17 and Figure 18; Renumbered Sequentially ... 10
Changes to Figure 15 and Figure 16............................................. 11
Changes to Figure 20...................................................................... 14
Added Reference Selection Section, Amplifier Selection Section,
Table 10, and Table 11; Renumbered Sequentially..................... 18
Added Table 12 ............................................................................... 19
9/09—Rev. 0 to Rev. A
Changes to Features Section ............................................................1
Changes to Static Performance, Relative Accuracy,
Grade: AD5547C Parameter, Table 1..............................................3
Changes to Ordering Guide.......................................................... 19
1/04—Revision 0: Initial Version


Similar Part No. - AD8061

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061 Datasheet
452Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8061 AD-AD8061 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD8061 AD-AD8061 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
More results

Similar Description - AD8061

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5546 AD-AD5546_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5556 AD-AD5556_15 Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
412Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com