Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GQM1875C2E3R6BB12D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # GQM1875C2E3R6BB12D
Description  Application Specific Capacitors
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GQM1875C2E3R6BB12D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  GQM1875C2E3R6BB12D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GQM1875C2E3R6BB12D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GQM1875C2E3R6BB12D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GQM1875C2E3R6BB12D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GQM1875C2E3R6BB12D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GQM1875C2E3R6BB12D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GQM1875C2E3R6BB12D Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GQM1875C2E3R6BB12D Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GQM1875C2E3R6BB12D Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
GQM Series: Featuring improved
low power consumption for mobile
telecommunications, the GQM Series is
typically used in frequencies from 500MHz
to 10GHz. The copper electrodes allow for
ultra low ESR, high Q in the GHz frequencies
and high RF current handling capability. This
series is the best choice for high performance,
high power RF designs requiring voltages up
to 500VDC. Offered in EIA sizes 0603, 0805
and the new 1111 size with a capacitance
range of 0.1 to 100pF, there are a variety of
tight tolerance versions available.
Features:
Size: 0603, 0805 and 1111
Voltage: 50, 100, 250 and 500VDC
Cap Range: 0.1 to 100pF
Internal Electrode: Cu
Termination: Cu + Ni/Sn plating
ESR: Ultra Low
Power: High Power (>15W)
Frequency Range: 500MHz –10GHz. High Q and Low ESR at VHF, UHF, and
Microwave Frequencies
Tolerance: Tight Tolerance Available ([W]=+/-0.05pF for <=5pF, [B]=+/-0.1pF for
5 - 9.1pF, [C]=+/-0.25pF for 5 - 9.1pF, [F]=+/-1% for 10 - 20pF)
Temp. Characteristics: C0G (-55ºC to 125ºC with 0 ±30ppm/ ºC)
Applications:
Base stations
for cellular, broadcast satellites,
cable TV and telecommunication
networks, GPS, Bluetooth® and
TV set-top boxes
Application Specific Capacitors
High Frequency Ceramic Capacitors – GQM Series
GQM Product Summary
20 – Innovator in Electronics
C-29-C
www .murata.com
20 – Innovator in Electronics
C-29-C
www .murata.com
www .murata.com
www .murata.com
www .murata.com


Similar Part No. - GQM1875C2E3R6BB12D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GQM1875C2E100FB12 MURATA-GQM1875C2E100FB12 Datasheet
758Kb / 27P
   High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM1875C2E150JB12 MURATA-GQM1875C2E150JB12 Datasheet
758Kb / 27P
   High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM1875C2E220JB12 MURATA-GQM1875C2E220JB12 Datasheet
755Kb / 27P
   High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM1875C2E620JB12 MURATA-GQM1875C2E620JB12 Datasheet
758Kb / 27P
   High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
GQM1875C2E750JB12 MURATA-GQM1875C2E750JB12 Datasheet
758Kb / 27P
   High Q and High Power Chip Multilayer Ceramic Capacitors for General Purpose
More results

Similar Description - GQM1875C2E3R6BB12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6668PBF IRF-IRF6668PBF_15 Datasheet
636Kb / 10P
   Application Specific MOSFETs
IRF6623TR1 IRF-IRF6623TR1 Datasheet
225Kb / 9P
   Application Specific MOSFETs
IRF6655PBF IRF-IRF6655PBF_15 Datasheet
277Kb / 10P
   Application Specific MOSFETs
logo
List of Unclassifed Man...
33105 ETC2-33105 Datasheet
117Kb / 1P
   APPLICATION SPECIFIC ADAPTERS
logo
International Rectifier
IRF6604TR1 IRF-IRF6604TR1 Datasheet
635Kb / 13P
   Application Specific MOSFETs
logo
AVX Corporation
06031C222KAZ2A AVX-06031C222KAZ2A Datasheet
6Mb / 135P
   Application Specific MLCs
logo
International Rectifier
IRF6655TR1PBF IRF-IRF6655TR1PBF Datasheet
277Kb / 10P
   Application Specific MOSFETs
IRF6662PBF IRF-IRF6662PBF_15 Datasheet
253Kb / 10P
   Application Specific MOSFETs
IRF6645PBF IRF-IRF6645PBF_15 Datasheet
239Kb / 9P
   Application Specific MOSFETs
IRF6646PBF IRF-IRF6646PBF_15 Datasheet
655Kb / 10P
   Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com