Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE2E3KY102JA3 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DE2E3KY102JA3
Description  Safety Standard Recognized Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE2E3KY102JA3 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DE2E3KY102JA3 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DE2E3KY102JA3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE2E3KY102JA3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE2E3KY102JA3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE2E3KY102JA3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE2E3KY102JA3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE2E3KY102JA3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE2E3KY102JA3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE2E3KY102JA3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Item
Pitch of component
Pitch of sprocket hole
Lead spacing
Length from hole center to component center
Length from hole center to lead
Body diameter
Deviation along tape, left or right
Carrier tape width
Position of sprocket hold
Lead distance between reference
and bottom planes
Protrusion length
Diameter of sprocket hole
Lead diameter
Total tape thickness
Total thickness, tape and lead wire
Body thickness
Portion to cut in case of defect
Hold down tape width
Hold down tape position
Coating extension on lead
Deviation across tape, front
Deviation across tape, rear
P
P0
F
P2
P1
D
∆S
W
W1
H0
H
r
øD0
ød
t1
t2
T
L
W0
W2
e
∆h1
∆h2
12.7
12.7
±0.3
5.0
6.35
±1.3
3.85
±0.7
15.0
15.0
±0.3
7.5
±1.0
7.5
±1.5
3.75
±1.0
15.0
15.0
±0.3
7.5
±1.0
7.5
±1.5
3.75
±1.0
0
±2.0
0
±1.0
30.0
15.0
±0.3
7.5
±1.0
7.5
±1.5
3.75
±1.0
See the individual product specifications
18.0
±0.5
9.0
±0.5
+0.5 to -1.0
4.0
±0.1
0.6
±0.3
1.5 max.
See the individual product specifications
11.0
11.5 min.
1.5
±1.5
20.0
25.4
12.7
±0.3
10.0
±1.0
7.7
±1.5
2.0 max.
1.0 max.
(in mm)
N2
N3
P3
N7
N4
N5
Code
+0.8
–0.2
+1.5
–1.0
18.0
+2.0
–0
18.0
+2.0
–0
+0
–1.0
12.7mm pitch / lead spacing 5mm taping
Vertical crimp type
(Lead Code : N2)
15mm pitch / lead spacing 7.5mm taping
Vertical crimp type
(Lead Code : N3)
0.6
±0.05
30mm pitch / lead spacing 7.5mm taping
Vertical crimp type
(Lead Code : N7)
25.4mm pitch / lead spacing 10.0mm taping
Vertical crimp type
(Lead Code : N4, N5)
P1
P0
P
D
∆S
F
ød
øD0
R
P1
P2
P0
P
D
∆S
F
ød
øD0
R
P1
P2
P0
PD
∆S
F
ød
øD0
R
15mm pitch / lead spacing 7.5mm taping
Straight type
(Lead Code : P3)
P1
P2
P0
PD
∆S
F
ød
øD0
R
P1
P2
P0
P
D
∆S
F
ød
øD0
R
T max.
∆h1
∆h2
O
Marked side
t2
t1
0.6
+0.1
–0.05
Continued on the following page.
Up to the end of crimp
Up to the end of crimp
3.0 max.
Lead Code
N2, N3, N4, N7
4.0 max.
Lead Code
N5
Lead Code
P3
H0
H0
Taping Specifications
3.0 max.


Similar Part No. - DE2E3KY102JA3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2E3KY102JA3A MURATA-DE2E3KY102JA3A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102JA3B MURATA-DE2E3KY102JA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DE2E3KY102JA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC472M ETC2-KC472M Datasheet
201Kb / 6P
   Safety Standard Recognized Ceramic Capacitor
logo
Suntan Capacitors
TS22 SUNTAN-TS22_17 Datasheet
127Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
TS22 SUNTAN-TS22 Datasheet
260Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2E3KH152MA3B MURATA-DE2E3KH152MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KY471KA2BM01 MURATA-DE2B3KY471KA2BM01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com