Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE3B3KY102KA3 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # DE3B3KY102KA3
Description  Safety Standard Recognized Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE3B3KY102KA3 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button DE3B3KY102KA3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE3B3KY102KA3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE3B3KY102KA3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE3B3KY102KA3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE3B3KY102KA3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE3B3KY102KA3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE3B3KY102KA3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE3B3KY102KA3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE3B3KY102KA3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Specifications and Test Methods
No.
Item
Specifications
Testing Method
Continued from the preceding page.
No marked defect
Appearance
The capacitor should be subjected to 5 temperature cycles,
then consecutively to 2 immersion cycles.
Pre-treatment:
Capacitor should be stored at 85±2˚C for 1 hr., then placed at
∗2room condition for 24±2 hrs.
Post-treatment:
Capacitor should be stored for 24±2 hrs. at ∗2room condition.
Capacitance
Change
Step
1
2
3
4
-25+0/-3
Room temp.
125+3/-0
Room temp.
30
3
30
3
Temperature (ºC)
Time (min.)
<Temperature Cycle>
Step
1
2
65+5/-0
0±3
15
15
Temperature (ºC)
Time
(min.)
Clean
water
Salt
water
Immersion
Water
<Immersion Cycle>
Cycle time: 5 cycle
Cycle time: 2 cycle
*
1 "C" expresses nominal capacitance value (pF).
*
2 "room condition" Temperature: 15 to 35°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Type KY/KH/KX are recognized by UL1414 6th edition and CSA E384-14.
"Discharge Test" that was compulsory in previous safety standards(*) is not specified in new safety standards. (* UL1414 5th edition and CSA C22.2 No.1)
Therefore the description of "Discharge Test" is deleted in this catalog.
Temperature
and
Immersion
Cycle
19
D.F.
Q
I.R.
3000M
Ω min.
Dielectric
Strength
Per Item 6
Char.
B
E, F
SL
Within ±10%
Within ±20%
Within ± 5%
Capacitance Change
Char.
B, E
F
SL
D.F.
V5.0%
D.F.
V7.5%
Q
U275+5/2C*1(CF30pF)
Q
U350
(C
U30pF)
Specifications
The burning time should not exceed 30 sec.
The tissue paper should not ignite.
Passive Flammability
18
The capacitor under test should be held in the flame in the
position which best promotes burning. Each specimen should
only be exposed once to the flame. Time of exposure to flame:
30 sec.
Length of flame : 12±1mm
Gas burner
: Length 35mm min.
Inside Dia.
0.5±0.1mm
Outside Dia. 0.9mm max.
Gas
: Butane gas Purity 95% min.
Test Specimen
Tissue
About 10mm Thick Board
45
°


Similar Part No. - DE3B3KY102KA3

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DE3512C TOKO-DE3512C Datasheet
81Kb / 2P
   Fixed Inductors for Cellular Phone
logo
IXYS Corporation
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A Datasheet
146Kb / 5P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A_09 Datasheet
146Kb / 5P
   RF Power MOSFET
logo
List of Unclassifed Man...
DE375-102N12A ETC1-DE375-102N12A Datasheet
90Kb / 3P
   RF POWER MOSFET
More results

Similar Description - DE3B3KY102KA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC472M ETC2-KC472M Datasheet
201Kb / 6P
   Safety Standard Recognized Ceramic Capacitor
logo
Suntan Capacitors
TS22 SUNTAN-TS22_17 Datasheet
127Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
TS22 SUNTAN-TS22 Datasheet
260Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2E3KH152MA3B MURATA-DE2E3KH152MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KY471KA2BM01 MURATA-DE2B3KY471KA2BM01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com