Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE3E3KY102KA3 Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # DE3E3KY102KA3
Description  Safety Standard Recognized Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE3E3KY102KA3 Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button DE3E3KY102KA3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE3E3KY102KA3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE3E3KY102KA3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE3E3KY102KA3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE3E3KY102KA3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE3E3KY102KA3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE3E3KY102KA3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE3E3KY102KA3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE3E3KY102KA3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Specifications and Test Methods
No.
Item
Specifications
Testing Method
Continued from the preceding page.
The capacitor flame discontinues as follows.
Flame Test
15
The capacitor should be subjected to applied flame for 15 sec.
and then removed for 15 sec. until 5 cycles are completed.
(in mm)
Capacitor
Flame
76
38
12
7
Gas Burner: Inside Dia. 9.5
Cycle
1 to 4
5
30 max.
60 max.
Time (sec.)
The cheese-cloth should not be on fire.
Active Flammability
17
The capacitor should be individually wrapped in at least one but
not more than two complete layers of cheese-cloth. The
capacitor should be subjected to 20 discharges. The interval
between successive discharges should be 5 sec. The UAC
should be maintained for 2 min. after the last discharge.
C1,2
: 1µF±10%
C3
: 0.033µF±5% 10kV
L1 to 4 : 1.5mH±20% 16A Rod core choke
Ct
: 3µF±5% 10kV
R
: 100
Ω±2%
Cx
: Capacitor under test
UAC
: UR±5%
F
: Fuse, Rated 10A
UR
: Rated Voltage
Ut
: Voltage applied to Ct
Ut
Ct
Cx
C3
C2
L1
L3
L2
R
L4
C1
S2
Tr
S1
UAC
F
Oscilloscope
Ux
5kV
time
Lead wire should not be cut off. Capacitor should
not be broken.
Robustness
of
Terminations
Tensile
Bending
16
As shown in the figure at right, fix the body
of the capacitor and apply a tensile weight
gradually to each lead wire in the radial
direction of the capacitor up to 10N and keep
it for 10±1 sec.
Each lead wire should be subjected to 5N weight and then a
90° bend, at the point of egress, in one direction, return to
original position, and then apply a 90° bend in the opposite
direction at the rate of one bend in 2 to 3 sec.
W
Life
14
Impulse Voltage
Each individual capacitor should be subjected to a 5kV (Type
KX: 8kV) impulses for three times. After the capacitors are
applied to life test.
Apply a voltage of Table 4 for 1000 hrs. at 125+2/-0°C, and
relative humidity of 50% max.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at ∗2room condition.
Front time (T1) =1.2µs=1.67T
Time to half-value (T2) =50µs
30
0
T
50
90
100 (%)
t
T2
T1
AC425V (r.m.s.), except that once each hour the voltage
is increased to AC1000V (r.m.s.) for 0.1 sec.
Applied Voltage
<Table.4>
No marked defect
Appearance
Capacitance
Change
Within ±20%
I.R.
3000M
Ω min.
Dielectric
Strength
Per Item 6
*
1 "C" expresses nominal capacitance value (pF).
*
2 "room condition" Temperature: 15 to 35°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Continued on the following page.


Similar Part No. - DE3E3KY102KA3

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DE3512C TOKO-DE3512C Datasheet
81Kb / 2P
   Fixed Inductors for Cellular Phone
logo
IXYS Corporation
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A Datasheet
146Kb / 5P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A_09 Datasheet
146Kb / 5P
   RF Power MOSFET
logo
List of Unclassifed Man...
DE375-102N12A ETC1-DE375-102N12A Datasheet
90Kb / 3P
   RF POWER MOSFET
More results

Similar Description - DE3E3KY102KA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC472M ETC2-KC472M Datasheet
201Kb / 6P
   Safety Standard Recognized Ceramic Capacitor
logo
Suntan Capacitors
TS22 SUNTAN-TS22_17 Datasheet
127Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
TS22 SUNTAN-TS22 Datasheet
260Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2E3KH152MA3B MURATA-DE2E3KH152MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KY471KA2BM01 MURATA-DE2B3KY471KA2BM01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com