Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE3E3KH102MA3 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # DE3E3KH102MA3
Description  Safety Standard Recognized Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE3E3KH102MA3 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button DE3E3KH102MA3 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE3E3KH102MA3 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE3E3KH102MA3 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE3E3KH102MA3 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE3E3KH102MA3 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE3E3KH102MA3 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE3E3KH102MA3 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE3E3KH102MA3 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE3E3KH102MA3 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
No.
Item
Specifications
Testing Method
Continued from the preceding page.
Continued on the following page.
*
1 "C" expresses nominal capacitance value (pF).
*
2 "room condition" Temperature: 15 to 35°C, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Vibration
Resistance
Specifications and Test Methods
11
The capacitor should be firmly soldered to the supporting lead
wire and vibrated at a frequency range of 10 to 55Hz, 1.5mm in
total amplitude, with about a 1 minute rate of vibration change
from 10Hz to 55Hz and back to 10Hz.
Apply for a total of 6 hrs., 2 hrs. each in 3 mutually
perpendicular directions.
Appearance
No marked defect
Capacitance
Within the specified tolerance
D.F.
Q
Char.
B, E
F
SL
D.F.
V2.5%
D.F.
V5.0%
Q
U400+20C*1(CF30pF)
Q
U1000
(C
U30pF)
Specifications
Humidity
(Under
Steady
State)
Appearance
12
Capacitance
Change
D.F.
Q
I.R.
3000M
Ω min.
Dielectric
Strength
Per Item 6
No marked defect
Set the capacitor for 500±12 hrs. at 40±2°C in 90 to 95%
relative humidity.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at ∗2room condition.
Char.
B
E, F
SL
Within ±10%
Within ±15%
Within ± 5%
Capacitance Change
Char.
B, E
F
SL
D.F.
V5.0%
D.F.
V7.5%
Q
U275+5/2C*1(CF30pF)
Q
U350
(C
U30pF)
Specifications
No marked defect
Humidity
Loading
Appearance
13
Apply the rated voltage for 500±12 hrs. at 40±2°C in 90 to 95%
relative humidity.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at ∗2room condition.
Capacitance
Change
D.F.
Q
I.R.
3000M
Ω min.
Dielectric
Strength
Per Item 6
Char.
B
E, F
SL
Within ±10%
Within ±15%
Within ± 5%
Capacitance Change
Char.
B, E
F
SL
D.F.
V5.0%
D.F.
V7.5%
Q
U275+5/2C*1(CF30pF)
Q
U350
(C
U30pF)
Specifications
9
As shown in figure, the lead wires
should be immersed in solder of
350±10°C or 260±5°C up to 1.5
to 2.0mm from the root of terminal
for 3.5±0.5 sec. (10±1 sec. for
260±5°C).
Pre-treatment:
Capacitor should be stored at 85±2°C for 1 hr., then placed at
∗2room condition for 24±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at ∗2room condition.
Soldering
Effect
(Non-Preheat)
Appearance
No marked defect
Capacitance
Change
Within ±10%
I.R.
1000M
Ω min.
Dielectric
Strength
Per Item 6
,,,,,,,,,,
,,,,,,,,,,
,
,
,
,,,
,,,,
,,,,,,
,
,
,
,
,
,
Thermal
Screen
Capacitor
1.5
to 2.0mm
Molten
Solder
10
First the capacitor should be
stored at 120+0/-5°C for
60+0/-5 sec.
Then, as in figure, the lead wires
should be immersed solder of
260+0/-5°C up to 1.5 to 2.0mm
from the root of terminal for
7.5+0/-1 sec.
Pre-treatment:
Capacitor should be stored at 85±2°C for 1 hr., then placed at
∗2room condition for 24±2 hrs. before initial measurements.
Post-treatment:
Capacitor should be stored for 1 to 2 hrs. at ∗2room condition.
Soldering
Effect
(On-Preheat)
Appearance
No marked defect
Capacitance
Change
Within ±10%
I.R.
1000M
Ω min.
Dielectric
Strength
Per Item 6
,,,,,,,,,,
,,,,,,,,,,
,
,
,
,,,
,,,,
,,,,,,
,
,
,
,
,
,
Thermal
Screen
Capacitor
1.5
to 2.0mm
Molten
Solder


Similar Part No. - DE3E3KH102MA3

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DE3512C TOKO-DE3512C Datasheet
81Kb / 2P
   Fixed Inductors for Cellular Phone
logo
IXYS Corporation
DE375-102N10A IXYS-DE375-102N10A Datasheet
157Kb / 3P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A Datasheet
146Kb / 5P
   RF Power MOSFET
DE375-102N10A IXYS-DE375-102N10A_09 Datasheet
146Kb / 5P
   RF Power MOSFET
logo
List of Unclassifed Man...
DE375-102N12A ETC1-DE375-102N12A Datasheet
90Kb / 3P
   RF POWER MOSFET
More results

Similar Description - DE3E3KH102MA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC472M ETC2-KC472M Datasheet
201Kb / 6P
   Safety Standard Recognized Ceramic Capacitor
logo
Suntan Capacitors
TS22 SUNTAN-TS22_17 Datasheet
127Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
TS22 SUNTAN-TS22 Datasheet
260Kb / 1P
   SAFETY STANDARD RECOGNIZED CAPACITOR - Y
logo
Murata Manufacturing Co...
DE1E3KX222MN5AA01 MURATA-DE1E3KX222MN5AA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX332MA4BL01 MURATA-DE1E3KX332MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA5BA01 MURATA-DE1E3KX102MA5BA01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2E3KH152MA3B MURATA-DE2E3KH152MA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KY471KA2BM01 MURATA-DE2B3KY471KA2BM01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE1E3KX102MA4BL01 MURATA-DE1E3KX102MA4BL01 Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH101KA3B MURATA-DE2B3KH101KA3B Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com