Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE2B3KH102KA2A Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # DE2B3KH102KA2A
Description  High Voltage Ceramic Capacitors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE2B3KH102KA2A Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button DE2B3KH102KA2A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE2B3KH102KA2A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE2B3KH102KA2A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. DE2B3KH102KA2A Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DE2B3KH102KA2A Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DE2B3KH102KA2A Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DE2B3KH102KA2A Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DE2B3KH102KA2A Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DE2B3KH102KA2A Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
10
4
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Safety Recognized/High Voltage Ceramic Capacitors
Type KX (Reinforced Insulation) -IEC60384-14 Class X1, Y1-
s Features
1. Operating temperature range guaranteed up to 125
degrees (UL: 85 deg.).
2. Dielectric strength: AC4000V
3. Class X1/Y1 capacitors which are recognized by
UL/CSA/BSI/SEMKO/SEV/VDE/FIMKO/NEMKO/DEMKO/
IMQ.
4. Possible to use with a component in appliance
requiring reinforced insulation and double
insulation based on UL1492, IEC60065 and IEC60950.
5. Coated with flame-retardant epoxy resin (conforming
to UL94V-0 standard).
6. Cost-saving automatic insertion available.
7. Available product for RoHS Restriction
(EU Directive 2002/95/EC).
s Applications
Ideal for use as X/Y capacitors for AC line filter and
primary-secondary coupling on switching power supplies
and AC adapters.
ød
F
±1.0
(in mm)
D max.
e
T max.
Lead Code
Coating Extension e
A5
Up to the end of crimp
ød
0.6
±0.1
0.05
[Bulk]
Vertical Crimp Long (A5)
ød
F
±0.8
D max.
e
T max.
(in mm)
Lead Code
Coating Extension e
B5
Up to the end of crimp
ød
0.6
±0.1
0.05
[Bulk]
Vertical Crimp Short (B5)
s Standard Recognition
UL
CSA
BSI
SEMKO
SEV
VDE
FIMKO
NEMKO
DEMKO
IMQ
• The recognition number might change by the revision of the application
standard and the change within the range of acquisition.
• Please contact us when the recognition of CQC (Chinese Safety Standard)
or KTL (South Korean Safety Standard) is necessary.
Standard No.
UL1414
E384-14
EN60065 (8.8, 14.2)
EN132400
EN132400
Recognized No.
E37921
227859
310283
02.1105
18987
P02102026
139471-01/A1
V4069
LR44559
40002831
Rated Voltage
AC250V
(r.m.s.)
s Marking
FI
N
D
FI
N
D
KX222M
X1Y1
BS415
q
w
e
r
t
8
65
MJ502
250~
8
Example
Item
MJ502
q Type Designation
w Nominal Capacitance
(Under 100pF : Actual value, 100pF and over : Marked with 3 figures)
e Capacitance Tolerance
r Company Name Code
t Manufactured Date Code
UL Approval Mark
CSA Approval Mark
BSI Approval Mark
BS415
SEMKO Approval Mark
SEV Approval Mark
VDE Approval Mark
IMQ Approval Mark
FIMKO Approval Mark
NEMKO Approval Mark
DEMKO Approval Mark
Class Code
Rated Voltage Mark
KX
X1Y1
250~
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C85E.pdf
06.6.1


Similar Part No. - DE2B3KH102KA2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2B3KH102KA2A MURATA-DE2B3KH102KA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KH102KA2A MURATA-DE2B3KH102KA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH102KA2A MURATA-DE2B3KH102KA2A Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2B3KH102KA2A MURATA-DE2B3KH102KA2A Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2B3KH102KA2A MURATA-DE2B3KH102KA2A Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE2B3KH102KA2A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD90ZU2GA222MYGKA TDK-CD90ZU2GA222MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD80ZU2GA152MYGKA TDK-CD80ZU2GA152MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
C41E2 MURATA-C41E2 Datasheet
310Kb / 20P
   HIGH VOLTAGE CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com