Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE2E3E2102KA2A Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # DE2E3E2102KA2A
Description  High Voltage Ceramic Capacitors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE2E3E2102KA2A Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DE2E3E2102KA2A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DE2E3E2102KA2A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE2E3E2102KA2A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE2E3E2102KA2A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE2E3E2102KA2A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE2E3E2102KA2A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE2E3E2102KA2A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE2E3E2102KA2A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE2E3E2102KA2A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
CONTENTS
2
3
4
5
6
7
8
9
10
11
Part Numbering
2
Type KY (Basic Insulation) -IEC60384-14 Class X1, Y2-
4
Type KH (Basic Insulation) -IEC60384-14 Class X1, Y2-
6
Type KX Small Size (Reinforced Insulation) -IEC60384-14 Class X1, Y1-
8
Type KX (Reinforced Insulation) -IEC60384-14 Class X1, Y1-
10
Type KY/KH/KX Specifications and Test Methods
12
DEJ Series -Based on the Electrical Appliance and Material Safety Law of Japan-
16
DEJ Series Specifications and Test Methods
17
Safety Recognized Ceramic Capacitors Characteristics Data (Typical Example)
20
Safety Recognized Ceramic Capacitors Packaging
23
Safety Recognized Ceramic Capacitors !Caution
25
Safety Recognized Ceramic Capacitors Notice
28
DES Series (125 deg. C Guaranteed/Low-dissipation Factor/DC500V-1kV)
29
DES Series Specifications and Test Methods
31
DEH Series (125 deg. C Guaranteed/Low-dissipation Factor/DC250V-3.15kV)
33
DEH Series Specifications and Test Methods
36
DEA Series (125 deg. C Guaranteed/Class 1/DC1k-3.15kV)
39
DEA Series Specifications and Test Methods
42
DEB Series (Class 2/DC1k-3.15kV)
44
DEB Series Specifications and Test Methods
47
DEC Series (Class 1, 2/DC6.3kV)
49
DEC Series Specifications and Test Methods
51
DEF Series (Only for LCD Backlight Inverter Circuit/6.3kVp-p)
53
DEF Series Specifications and Test Methods
55
High Voltage Ceramic Capacitors Characteristics Data (Typical Example)
57
High Voltage Ceramic Capacitors Packaging
58
High Voltage Ceramic Capacitors !Caution
60
High Voltage Ceramic Capacitors Notice
68
Safety Recognized Ceramic Capacitors/High Voltage Ceramic Capacitors ISO9000 Certifications
69
1
2
3
4
5
6
7
8
9
10
11
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C85E.pdf
08.10.29


Similar Part No. - DE2E3E2102KA2A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2E3E2102KA2A MURATA-DE2E3E2102KA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3E2102KA2A MURATA-DE2E3E2102KA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE2E3E2102KA2A MURATA-DE2E3E2102KA2A Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
DE2E3E2102KA2A MURATA-DE2E3E2102KA2A Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3E2102KA2A MURATA-DE2E3E2102KA2A Datasheet
35Kb / 1P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE2E3E2102KA2A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CD85-B2GA471KYGKA TDK-CD85-B2GA471KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD90ZU2GA222MYGKA TDK-CD90ZU2GA222MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD80ZU2GA152MYGKA TDK-CD80ZU2GA152MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
C41E2 MURATA-C41E2 Datasheet
310Kb / 20P
   HIGH VOLTAGE CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com