Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7302BRUZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD7302BRUZ
Description  2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7302BRUZ Datasheet(HTML) 5 Page - Analog Devices

  AD7302BRUZ Datasheet HTML 1Page - Analog Devices AD7302BRUZ Datasheet HTML 2Page - Analog Devices AD7302BRUZ Datasheet HTML 3Page - Analog Devices AD7302BRUZ Datasheet HTML 4Page - Analog Devices AD7302BRUZ Datasheet HTML 5Page - Analog Devices AD7302BRUZ Datasheet HTML 6Page - Analog Devices AD7302BRUZ Datasheet HTML 7Page - Analog Devices AD7302BRUZ Datasheet HTML 8Page - Analog Devices AD7302BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7302
–5–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic Function
1-8
D7–D0
Parallel Data Inputs. Eight-bit data is loaded to the input register of the AD7302 under the control of
CS
and
WR.
9
CS
Chip Select. Active low logic input.
10
WR
Write Input.
WR is an active low logic input used in conjunction with CS and A/B to write data to the selected
DAC register.
11
A/B
DAC Select. Address pin used to select writing to either DAC A or DAC B.
12
PD
Active low input used to put the part into low power mode reducing current consumption to less than 1
µA.
13
LDAC
Load DAC Logic Input. When this logic input is taken low both DAC outputs are simultaneously updated with
the contents of their DAC registers. If
LDAC is permanently tied low, the DACs are updated on the rising
edge of
WR.
14
CLR
Asynchronous Clear Input (Active Low). When this input is taken low the DAC registers are loaded with all
zeroes and the DAC outputs are cleared to zero volts.
15
VDD
Power Supply Input. These parts can be operated from 2.7 V to 5.5 V and should be decoupled to AGND.
16
REFIN
External Reference Input. This can used as the reference for both DACs. The range on this reference input is
1 V to VDD/2. If REFIN is directly tied to VDD the internal VDD/2 reference is selected.
17
AGND
Analog Ground reference point and return point for all analog current on the part.
18
VOUTB
Analog output voltage from DAC B. The output amplifier can swing rail to rail on its output.
19
VOUTA
Analog output voltage from DAC A. The output amplifier can swing rail to rail on its output.
20
DGND
Digital Ground reference point and return point for all digital current on the part.
PIN CONFIGURATION
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD7302
(MSB) DB7
AGND
VOUTB
VOUTA
DGND
DB6
DB5
DB4
CLR
VDD
REFIN
DB3
DB2
DB1
(LSB) DB0
CS
WR
A/B
PD
LDAC


Similar Part No. - AD7302BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
More results

Similar Description - AD7302BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801 Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRZ-REEL AD-AD7801BRZ-REEL Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801_15 Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com