Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7545AKNZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7545AKNZ
Description  CMOS 12-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7545AKNZ Datasheet(HTML) 3 Page - Analog Devices

  AD7545AKNZ Datasheet HTML 1Page - Analog Devices AD7545AKNZ Datasheet HTML 2Page - Analog Devices AD7545AKNZ Datasheet HTML 3Page - Analog Devices AD7545AKNZ Datasheet HTML 4Page - Analog Devices AD7545AKNZ Datasheet HTML 5Page - Analog Devices AD7545AKNZ Datasheet HTML 6Page - Analog Devices AD7545AKNZ Datasheet HTML 7Page - Analog Devices AD7545AKNZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AD7545A
–3–
REV. C
ABSOLUTE MAXIMUM RATINGS*
(TA = + 25
°C unless otherwise noted)
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, +17 V
Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD +0.3 V
VRFB, VREF to DGND . . . . . . . . . . . . . . . . . . . . . . . . .
±25 V
VPIN1 to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
AGND to DGND . . . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Power Dissipation (Any Package) to 75
°C . . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature Range
Commercial (KN, LN, KP, LP) Grades . . . 0
°C to +70°C
Industrial (BQ, CQ, BE, CE) Grades . . . . –25
°C to +85°C
Extended (TQ, UQ, TE, UE) Grades . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. The digital control inputs are diode protected;
however, permanent damage may occur on unconnected devices subject to high energy electro-
static fields. Unused devices must be stored in conductive foam or shunts. The protective foam
should be discharged to the destination socket before devices are removed.
ORDERING GUIDE
Relative
Gain
Temperature
Accuracy
Error
Package
Model
1
Range
TMIN–TMAX TMIN–TMAX
Options
2
AD7545AKN
0
°C to +70°C
±1/2
±4
N-20
AD7545ALN
0
°C to +70°C
±1/2
±2
N-20
AD7545AKR
0
°C to +70°C
±1/2
±4R-20
AD7545AKP
0
°C to +70°C
±1/2
±4
P-20A
AD7545ALP
0
°C to +70°C
±1/2
±2
P-20A
AD7545ABQ
–25
°C to +85°C
±1/2
±4
Q-20
AD7545ACQ
–25
°C to +85°C
±1/2
±2
Q-20
AD7545ABE
–25
°C to +85°C
±1/2
±4
E-20A
AD7545ACE
–25
°C to +85°C
±1/2
±2
E-20A
AD7545ATQ
–55
°C to +125°C ±1/2
±4
Q-20
AD7545AUQ
–55
°C to +125°C ±1/2
±2
Q-20
AD7545ATE
–55
°C to +125°C ±1/2
±4
E-20A
AD7545AUE
–55
°C to +125°C ±1/2
±2
E-20A
NOTES
1To order MIL-STD-883, Class B process parts, add /883B to part number.
Contact local sales office for military data sheet.
2E = Leadless Ceramic Chip Carrier (LCCC); N = Plastic DIP; P = Plastic
Leaded Chip Carrier (PLCC); Q = Cerdip; R = Small Outline IC.
WRITE CYCLE TIMING DIAGRAM
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD7545AKNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545AKN AD-AD7545AKN Datasheet
317Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7545AKN AD-AD7545AKN Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
List of Unclassifed Man...
AD7545AKN ETC2-AD7545AKN Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AD7545AKNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
   CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7545A AD-AD7545A Datasheet
317Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7545 AD-AD7545 Datasheet
198Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. A
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
   Double-Buffered 12-Bit Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com