Electronic Components Datasheet Search |
|
AD7569 Datasheet(PDF) 1 Page - Analog Devices |
|
AD7569 Datasheet(HTML) 1 Page - Analog Devices |
1 / 20 page REV. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a LC2MOS Complete, 8-Bit Analog I/0 Systems AD7569/AD7669 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 World Wide Web Site: http://www.analog.com Fax: 617/326-8703 © Analog Devices, Inc., 1996 FEATURES 2 s ADC with Track/Hold 1 s DAC with Output Amplifier AD7569, Single DAC Output AD7669, Dual DAC Output On-Chip Bandgap Reference Fast Bus Interface Single or Dual 5 V Supplies GENERAL DESCRIPTION The AD7569/AD7669 is a complete, 8-bit, analog I/O system on a single monolithic chip. The AD7569 contains a high speed successive approximation ADC with 2 µs conversion time, a track/ hold with 200 kHz bandwidth, a DAC and an output buffer ampli- fier with 1 µs settling time. A temperature-compensated 1.25 V bandgap reference provides a precision reference voltage for the ADC and the DAC. The AD7669 is similar, but contains two DACs with output buffer amplifiers. A choice of analog input/output ranges is available. Using a sup- ply voltage of +5 V, input and output ranges of zero to 1.25 V and zero to 2.5 volts may be programmed using the RANGE in- put pin. Using a ±5 V supply, bipolar ranges of ±1.25 V or ±2.5 V may be programmed. Digital interfacing is via an 8-bit I/O port and standard micro- processor control lines. Bus interface timing is extremely fast, al- lowing easy connection to all popular 8-bit microprocessors. A separate start convert line controls the track/hold and ADC to give precise control of the sampling period. The AD7569/AD7669 is fabricated in Linear-Compatible CMOS (LC 2MOS), an advanced, mixed technology process combining precision bipolar circuits with low power CMOS logic. The AD7569 is packaged in a 24-pin, 0.3" wide “skinny” DIP, a 24-terminal SOIC and 28-terminal PLCC and LCCC packages. The AD7669 is available in a 28-pin, 0.6" plastic DIP, 28-terminal SOIC and 28-terminal PLCC package. AD7569 FUNCTIONAL BLOCK DIAGRAM AD7669 FUNCTIONAL BLOCK DIAGRAM PRODUCT HIGHLIGHTS 1. Complete Analog I/O on a Single Chip. The AD7569/AD7669 provides everything necessary to interface a microprocessor to the analog world. No external components or user trims are required and the overall accu- racy of the system is tightly specified, eliminating the need to calculate error budgets from individual component specifications. 2. Dynamic Specifications for DSP Users. In addition to the traditional ADC and DAC specifications, the AD7569/AD7669 is specified for ac parameters, includ- ing signal-to-noise ratio, distortion and input bandwidth. 3. Fast Microprocessor Interface. The AD7569/AD7669 has bus interface timing compatible with all modern microprocessors, with bus access and relin- quish times less than 75 ns and write pulse width less than 80 ns. |
Similar Part No. - AD7569 |
|
Similar Description - AD7569 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |