Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7545AUE Datasheet(PDF) 6 Page - Analog Devices

Part # AD7545AUE
Description  CMOS 12-Bit Buffered Multiplying DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7545AUE Datasheet(HTML) 6 Page - Analog Devices

  AD7545AUE Datasheet HTML 1Page - Analog Devices AD7545AUE Datasheet HTML 2Page - Analog Devices AD7545AUE Datasheet HTML 3Page - Analog Devices AD7545AUE Datasheet HTML 4Page - Analog Devices AD7545AUE Datasheet HTML 5Page - Analog Devices AD7545AUE Datasheet HTML 6Page - Analog Devices AD7545AUE Datasheet HTML 7Page - Analog Devices AD7545AUE Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD7545A
–6–
REV. C
Invalid Data: When
WR and CS are both low, the latches are
transparent and the D/A converter inputs follow the data inputs.
In some bus systems, data on the data bus is not always valid for
the whole period during which
WR is low, and as a result invalid
data can briefly occur at the D/A converter inputs during a write
cycle. Such invalid data can cause unwanted signals or glitches
at the output of the D/A converter. The solution to this prob-
lem, if it occurs, is to retime the write pulse,
WR, so it only
occurs when data is valid.
Digital Glitches: Digital glitches result due to capacitive cou-
pling from the digital lines to the OUT1 and AGND terminals.
This should be minimized by screening the analog pins of the
AD7545A (Pins 1, 2, 19, 20) from the digital pins by a ground
track run between Pins 2 and 3 and between Pins 18 and 19 of
the AD7545A.
Note how the analog pins are at one end (DIP) or side (LCC
and PLCC) of the package and separated from the digital pins
by VDD and DGND to aid screening at the board level. On-chip
capacitive coupling can also give rise to crosstalk from the digital-
to-analog sections of the AD7545A, particularly in circuits with
high currents and fast rise and fall times. This type of crosstalk is
minimized by using VDD = +5 volts. However, great care should
be taken to ensure that the +5 V used to power the AD7545A is
free from digitally induced noise.
Temperature Coefficients: The gain temperature coefficient
of the AD7545A has a maximum value of 5 ppm/
°C and a typi-
cal value of 2 ppm/
°C. This corresponds to worst case gain shifts
of 2 LSBs and 0.8 LSBs respectively over a 100
°C temperature
range. When trim resistors R1 and R2 (such as in Figure 4) are
used to adjust full-scale range, the temperature coefficient of R1
and R2 should also be taken into account. The reader is referred
to Analog Devices Application Note “Gain Error and Gain
Temperature Coefficient to CMOS Multiplying DACs,” Publi-
cation Number E630c–5–3/86.
SINGLE SUPPLY OPERATION
The ladder termination resistor of the AD7545A (Figure 1) is
connected to AGND. This arrangement is particularly suitable
for single supply operation because OUT1 and AGND may be
biased at any voltage between DGND and VDD. OUT1 and
AGND should never go more than 0.3 volts less than DGND or
an internal diode will be turned on and a heavy current may
flow that will damage the device. (The AD7545A is, however,
protected from the SCR latchup phenomenon prevalent in many
CMOS devices.)
Figure 7 shows the AD7545A connected in a voltage switching
mode. OUT1 is connected to the reference voltage and AGND
is connected to DGND. The D/A converter output voltage is
available at the VREF pin and has a constant output impedance
equal to R. RFB is not used in this circuit and should be tied to
OUT1 to minimize stray capacitance effects.
Figure 7. Single Supply Operation Using Voltage Switch-
ing Mode
The loading on the reference voltage source is code-dependent
and the response time of the circuit is often determined by the
behavior of the reference voltage with changing load conditions.
To maintain linearity, the voltages at OUT1 and AGND should
remain within 2.5 volts of each other, for a VDD of 15 volts. If
VDD is reduced from 15 V, or the differential voltage between
OUT1 and AGND is increased to more than 2.5 V, the differ-
ential nonlinearity of the DAC will increase and the linearity of
the DAC will be degraded. Figures 8 and 9 show typical curves
illustrating this effect for various values of reference voltage and
VDD. If the output voltage is required to be offset from ground
by some value, then OUT1 and AGND may be biased up. The
effect on linearity and differential nonlinearity will be the same
as reducing VDD by the amount of the offset.
Figure 8. Differential Nonlinearity vs. VDD for Figure 7
Circuit. Reference Voltage = 2.5 Volts. Shaded Area Shows
Range of Values of Differential Nonlinearity that Typically
Occur for all Grades.
Figure 9. Differential Nonlinearity vs. Reference Voltage
for Figure 7 Circuit. VDD = 15 Volts. Shaded Area Shows
Range of Values of Differential Nonlinearity that Typically
Occur for all Grades.


Similar Part No. - AD7545AUE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545AUE AD-AD7545AUE Datasheet
317Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7545AUE AD-AD7545AUE Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
More results

Similar Description - AD7545AUE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
   CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7545A AD-AD7545A Datasheet
317Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7545 AD-AD7545 Datasheet
198Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. A
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
   Double-Buffered 12-Bit Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com