Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7898AR-10 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7898AR-10
Description  5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7898AR-10 Datasheet(HTML) 4 Page - Analog Devices

  AD7898AR-10 Datasheet HTML 1Page - Analog Devices AD7898AR-10 Datasheet HTML 2Page - Analog Devices AD7898AR-10 Datasheet HTML 3Page - Analog Devices AD7898AR-10 Datasheet HTML 4Page - Analog Devices AD7898AR-10 Datasheet HTML 5Page - Analog Devices AD7898AR-10 Datasheet HTML 6Page - Analog Devices AD7898AR-10 Datasheet HTML 7Page - Analog Devices AD7898AR-10 Datasheet HTML 8Page - Analog Devices AD7898AR-10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7898
–4–
REV. A
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7898 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD pre-
cautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to GND
AD7898-10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±17 V
AD7898-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±10 V
Reference Input Voltage to GND . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (A, B Versions) . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 170
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
ESD
AD7898-10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 kV
AD7898-3 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 kV
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating; functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Linearity Error
1
SNR
Package Option
2
AD7898AR-10
–40
°C to +85°C
±1 LSB
71 dB
R-8
AD7898AR-10REEL
–40
°C to +85°C
±1 LSB
71 dB
R-8
AD7898AR-10REEL7
–40
°C to +85°C
±1 LSB
71 dB
R-8
AD7898ARZ-10
3
–40
°C to +85°C
±1 LSB
71 dB
R-8
AD7898ARZ-10REEL
3
–40
°C to +85°C
±1 LSB
71 dB
R-8
AD7898ARZ-10REEL7
3
–40
°C to +85°C
±1 LSB
71 dB
R-8
AD7898AR-3
–40
°C to +85°C
±1 LSB
71 dB
R-8
AD7898AR-3REEL
–40
°C to +85°C
±1 LSB
71 dB
R-8
AD7898AR-3REEL7
–40
°C to +85°C
±1 LSB
71 dB
R-8
EVAL-AD7898CB
EVAL-CONTROL BRD2
4
NOTES
1Linearity Error refers to integral linearity error.
2R = SOIC.
3Z = Pb-Free part.
4This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in the CB designators.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
8
7
6
5
1
2
3
4
REF IN
VIN
GND
SCLK
VDD
CS / CONVST
VDRIVE
SDATA
AD7898
200 A
IOH
200 A
IOL
TO
OUTPUT
PIN
CL
50pF
1.6V
Figure 1. Load Circuit for Digital Output Timing
Specifications


Similar Part No. - AD7898AR-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7898AR-10 AD-AD7898AR-10 Datasheet
184Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. 0
AD7898AR-10 AD-AD7898AR-10 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR-10 AD-AD7898AR-10 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
AD7898AR-10REEL AD-AD7898AR-10REEL Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898AR-10REEL AD-AD7898AR-10REEL Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
More results

Similar Description - AD7898AR-10

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7898ARZ-10 AD-AD7898ARZ-10 Datasheet
182Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7898 AD-AD7898 Datasheet
184Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. 0
AD7898 AD-AD7898_17 Datasheet
243Kb / 17P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
AD7898 AD-AD7898_15 Datasheet
220Kb / 16P
   5 V, 12-Bit, Serial 220 kSPS ADC in an 8-Lead Package
REV. A
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
   5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
   5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com