Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP1322-016 Datasheet(PDF) 1 Page - Alpha Industries

Part # SMP1322-016
Description  Low Resistance Plastic Packaged PIN Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1322-016 Datasheet(HTML) 1 Page - Alpha Industries

  SMP1322-016 Datasheet HTML 1Page - Alpha Industries SMP1322-016 Datasheet HTML 2Page - Alpha Industries SMP1322-016 Datasheet HTML 3Page - Alpha Industries SMP1322-016 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
Low Resistance
Plastic Packaged PIN Diodes
Features
s Designed for High Performance Wireless
Switch Applications
s Specified 1.5
Ω @ 1 mA
s Multiple Package Configurations
Description
The SMP1322 series of plastic packaged, surface
mountable PIN diodes are designed for high volume switch
applications from 10 MHz to beyond 2 GHz. The ultra low
resistance of these diodes (1.5
Ω maximum at 1 mA and
0.5
Ω typical at 10 mA) make the SMP1322 series
particularly suited to low loss PIN diode switches in battery
operated circuits. Available in a selection of plastic
packages and in a variety of configurations including an
ultra low inductance (0.2 nH) SOT-143 (SMP1322-017),
the small footprint SC-79 and the miniature SC-70. In
addition, the SMP1322-016 consists of 2 diodes in a
SOT-143 package configured to enable insertion in a
quarter-wave T/R switch with no crossover connections.
SMP1322 Series
Characteristic
Value
Reverse Voltage (VR)
50 V
Power Dissipation @ 25°C Lead
250 mW
Temperature (PD)
Storage Temperature (TST)
-65°C to +150°C
Operating Temperature (TOP)
-65°C to +150°C
ESD Human Body Model
Class 1B
Absolute Maximum Ratings
Single
Common
Series Pair
Low
Single
T/R Switch
Ultra Low
Single
Cathode
Inductance
Inductance
Marking: PN1
Marking: PN3
Marking: PN2
Marking: PNB
Marking: PN6
Marking: PNC
SOT-23
SOT-23
SOT-23
SOT-23
SOD-323
SOT-143
SOT-143
SC-79
o
SMP1322-001
o
SMP1322-004 o SMP1322-005
o
SMP1322-007
o
SMP1322-011 o SMP1322-016
o
SMP1322-017 o SMP1322-079
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.4 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.2 nH
LS = 0.7 nH
SC-70
SC-70
o
SMP1322-074 o SMP1322-075
LS = 1.4 nH
LS = 1.4 nH
o Available through distribution.
Parameter
Condition
Typ.
Max.
Unit
Reverse Current (IR)VR = 50 V
10
µA
Capacitance (CT)
F = 1 MHz, V = 30 V
1.0
pF
Resistance (RS)
F = 100 MHz, I = 1 mA
1.5
Resistance (RS)
F = 100 MHz, I = 10 mA
0.5
Forward Voltage (VF)
IF = 10 mA
0.85
V
Carrier Lifetime (TI)
IF = 10 mA
0.4
µS
I Region Width
8
µm
Electrical Specifications at 25°C


Similar Part No. - SMP1322-016

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1322-001 SKYWORKS-SMP1322-001 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322-001LF SKYWORKS-SMP1322-001LF Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322-005 SKYWORKS-SMP1322-005 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322-005LF SKYWORKS-SMP1322-005LF Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322-040LF SKYWORKS-SMP1322-040LF Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
More results

Similar Description - SMP1322-016

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com