Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7862BR-3 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7862BR-3
Description  Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7862BR-3 Datasheet(HTML) 1 Page - Analog Devices

  AD7862BR-3 Datasheet HTML 1Page - Analog Devices AD7862BR-3 Datasheet HTML 2Page - Analog Devices AD7862BR-3 Datasheet HTML 3Page - Analog Devices AD7862BR-3 Datasheet HTML 4Page - Analog Devices AD7862BR-3 Datasheet HTML 5Page - Analog Devices AD7862BR-3 Datasheet HTML 6Page - Analog Devices AD7862BR-3 Datasheet HTML 7Page - Analog Devices AD7862BR-3 Datasheet HTML 8Page - Analog Devices AD7862BR-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7862
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1996
Simultaneous Sampling
Dual 250 kSPS 12-Bit ADC
FUNCTIONAL BLOCK DIAGRAM
CLOCK
DGND
DB0
BUSY
RD
CS
CONVST
AD7862
CONVERSION
CONTROL LOGIC
VA1
AGND
VREF
+2.5V
REFERENCE
2k
AGND
TRACK/
HOLD
VDD
DB11
OUTPUT
LATCH
MUX
A0
12-BIT
ADC
12-BIT
ADC
TRACK/
HOLD
MUX
SIGNAL
SCALING
SIGNAL
SCALING
SIGNAL
SCALING
SIGNAL
SCALING
VB1
VA2
VB2
FEATURES
Two Fast 12-Bit ADCs
Four Input Channels
Simultaneous Sampling & Conversion
4
s Throughput Time
Single Supply Operation
Selection of Input Ranges:
10 V for AD7862-10
2.5 V for AD7862-3
0 V to 2.5 V for AD7862-2
High Speed Parallel Interface
Low Power, 60 mW typ
Power Saving Mode, 50
W typ
Overvoltage Protection on Analog Inputs
14-Bit Pin Compatible Upgrade (AD7863)
APPLICATIONS
AC Motor Control
Uninterrupted Power Supplies
Data Acquisition Systems
Communications
GENERAL DESCRIPTION
The AD7862 is a high speed, low power, dual 12-bit A/D
converter that operates from a single +5 V supply. The part
contains two 4
µs successive approximation ADCs, two track/
hold amplifiers, an internal +2.5 V reference and a high speed
parallel interface. There are four analog inputs that are grouped
into two channels (A & B) selected by the A0 input. Each
channel has two inputs (V
A1 & VA2 or VB1 & VB2) that can be
sampled and converted simultaneously thus preserving the
relative phase information of the signals on both analog inputs.
The part accepts an analog input range of
±10 V (AD7862-10),
±2.5 V (AD7862-3) and 0–2.5 V (AD7862-2). Overvoltage
protection on the analog inputs for the part allows the input
voltage to go to
±17 V, ±7 V or +7 V, respectively, without
causing damage.
A single conversion start signal (CONVST) places both track/
holds into hold simultaneously and initiates conversion on both
inputs. The BUSY signal indicates the end of conversion, and
at this time the conversion results for both channels are avail-
able to be read. The first read after a conversion accesses the
result from VA1 or VB1, while the second read accesses the result
from VA2 or VB2, depending on whether the multiplexer select
A0 is low or high, respectively. Data is read from the part via a
12-bit parallel data bus with standard CS and RD signals.
In addition to the traditional dc accuracy specifications such as
linearity, full-scale and offset errors, the part is also specified for
dynamic performance parameters including harmonic distortion
and signal-to-noise ratio.
The AD7862 is fabricated in Analog Devices’ Linear Compat-
ible CMOS (LC
2MOS) process, a mixed technology process
that combines precision bipolar circuits with low power CMOS
logic. It is available in 28-lead SSOP, SOIC and DIP.
PRODUCT HIGHLIGHTS
1. The AD7862 features two complete ADC functions allowing
simultaneous sampling and conversion of two channels. Each
ADC has a 2-channel input mux. The conversion result for
both channels is available 3.6
µs after initiating conversion.
2. The AD7862 operates from a single +5 V supply and
consumes 60 mW typ. The automatic power-down mode,
where the part goes into power down once conversion is
complete and “wakes up” before the next conversion cycle,
makes the AD7862 ideal for battery-powered or portable
applications.
3. The part offers a high speed parallel interface for easy con-
nection to microprocessors, microcontrollers and digital
signal processors.
4. The part is offered in three versions with different analog
input ranges. The AD7862-10 offers the standard industrial
input range of
±10 V; the AD7862-3 offers the common
signal processing input range of
±2.5 V; while the AD7862-2
can be used in unipolar 0 V – +2.5 V applications.
5. The part features very tight aperture delay matching between
the two input sample-and-hold amplifiers.


Similar Part No. - AD7862BR-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7862BR-3 AD-AD7862BR-3 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862BR-3 AD-AD7862BR-3 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862BR-3 AD-AD7862BR-3 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862BR-3 AD-AD7862BR-3 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862BR-3 AD-AD7862BR-3 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
More results

Similar Description - AD7862BR-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7862ANZ-10 AD-AD7862ANZ-10 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_15 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com