Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8075ARUZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8075ARUZ-REEL7
Description  500 MHz, G = 1 and 2 Triple Video Buffers with Disable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8075ARUZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD8075ARUZ-REEL7 Datasheet HTML 1Page - Analog Devices AD8075ARUZ-REEL7 Datasheet HTML 2Page - Analog Devices AD8075ARUZ-REEL7 Datasheet HTML 3Page - Analog Devices AD8075ARUZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8075ARUZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8075ARUZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8075ARUZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8075ARUZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8075ARUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AD8074/AD8075
–5–
FREQUENCY – MHz
0
0.1
1000
1
10
100
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
VOUT = 2V p-p (ACTIVE CHANNEL(s))
RL = 1k
RT = 37.5
ALL-HOSTILE
ADJACENT
TPC 7. AD8074 Crosstalk vs. Frequency (All Hostile and
Adjacent RL = 1 k
Ω)
FUNDAMENTAL FREQUENCY – MHz
0
1
1000
10
100
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
VOUT = 2V p-p
RL = 150
RT = 37.5
THIRD
HARMONIC
SECOND
HARMONIC
TPC 8. AD8074 Distortion vs. Frequency
FREQUENCY – MHz
0
0.1
1000
1
10
100
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
VOUT = 2V p-p (ACTIVE CHANNEL(s))
RL = 150
RT = 37.5
ALL-HOSTILE
ADJACENT
TPC 9. AD8075 Crosstalk vs. Frequency (All Hostile and
Adjacent RL = 150
Ω)
FUNDAMENTAL FREQUENCY – MHz
0
1
1000
10
100
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
SECOND
HARMONIC
THIRD
HARMONIC
VOUT = 2V p-p
RL = 150
RT = 37.5
TPC 10. AD8075 Distortion vs. Frequency
Rev. B


Similar Part No. - AD8075ARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
More results

Similar Description - AD8075ARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8074 AD-AD8074 Datasheet
306Kb / 16P
   500 MHz, G = -1 and 2 Triple Video Buffers with Disable
REV. A
AD8075ARUZ AD-AD8075ARUZ Datasheet
755Kb / 15P
   500 MHz, G = 1 and 2 Triple Video Buffers with Disable
REV. B
AD8075 AD-AD8075_15 Datasheet
755Kb / 15P
   Video Buffers with Disable
REV. B
AD8074 AD-AD8074_15 Datasheet
755Kb / 15P
   Video Buffers with Disable
Rev. B
logo
Elantec Semiconductor
EL4393C ELANTEC-EL4393C Datasheet
270Kb / 12P
   Triple 80 MHz Video Amplifier w/Disable
logo
Intersil Corporation
EL4393 INTERSIL-EL4393 Datasheet
393Kb / 9P
   Triple 80MHz Video Amplifier w/Disable
logo
Texas Instruments
OPA3692IDBQT TI-OPA3692IDBQT Datasheet
1Mb / 27P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
OPA3692IDBQT TI1-OPA3692IDBQT Datasheet
911Kb / 26P
[Old version datasheet]   Triple, Wideband, Fixed Gain Video BUFFER AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com