Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF-SPXO018044 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LF-SPXO018044
Description  Common frequencies are available from stock. Please see stock list or contact sales office
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LF-SPXO018044 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LF-SPXO018044 Datasheet HTML 1Page - List of Unclassifed Manufacturers LF-SPXO018044 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
211
4.0
0.3
2.15 max
5.4
8.0
∅1.5 ∅1.6
∅13.0
120°
1.0
23.
0
∅21.0
2.0
Test Circuit - HCMOS
Oscilloscope
Oscillator
4
3
12
Frequency
Counter
0.1
µF
A
Power
Supply
V
+Vs
15pF*
+Vs
*Inclusive of jigging & equipment capacitance
Oscillator
43
12
0.1
µF
A
Power
Supply
V
D1
D4
D2
D3
400R
Oscilloscope
Frequency
Counter
15pF*
D
1 to D4 = IN4148
or equivalent
*Inclusive of jigging & equipment capacitance
Note: CFPS-72, 72I only
+Vs
+Vs
Test Circuit - TTL
Frequency
Frequency
Supply Voltage
Supply Current
Rise Time(tr)
Fall Time (tf)
Duty Cycle
Model Number
Range
Stability
1.25 to 35.0MHz
15mA
6ns
6ns
>35.0 to 70.0MHz
±20ppm, ±25ppm,
30mA
6ns
6ns
>70.0 to 106.25MHz
±50ppm, ±100ppm
3.3V
40mA
6ns
6ns
CFPS-73,
>106.25 to 120.0MHz
40mA
6ns
6ns
CFPS-73I
>120.0 to 125.0MHz
40mA
6ns
6ns
>125.0 to 160MHz
40mA
6ns
6ns
40/60%
1.25 to 20.0MHz
20mA
6ns
6ns
>20.0 to 35.0MHz
30mA
6ns
6ns
>35.0 to 70.0MHz
±25ppm, ±50ppm,
5.0V
50mA
6ns
6ns
CFPS-72,
>70.0 to 100.0MHz
±100ppm
70mA
6ns
6ns
CFPS-72I
>100.0 to 125.0MHz
70mA
6ns
6ns
>125.0 to 160.0MHz
70mA
6ns
6ns
Electrical Specification - maximum limiting values when measured in HCMOS test circuit
Ordering Example
24.0MHz
CFPS-73I
C
Frequency
Model No
Operating Temperature Code: I = –40 to 85°C; Not applicable for 0 to 70°C
Frequency Stability: A = ±25ppm; B = ±50ppm; C = ±100ppm; G = ±20ppm
Outline in mm - Tape
Outline in mm - Reel
Please note that the rise and fall times listed are the maximum values we specify to cover various frequency breaks.
In practise the actual values are generally lower depending upon the spot frequency chosen. For typical values please
contact our sales office.


Similar Part No. - LF-SPXO018044

ManufacturerPart #DatasheetDescription
logo
C&K Components
LF-05A010-L27Q-Y CK-COMPONENTS-LF-05A010-L27Q-Y Datasheet
302Kb / 3P
   Precision Snap-acting Reset Switches
LF-05A010-P27Q-Y CK-COMPONENTS-LF-05A010-P27Q-Y Datasheet
302Kb / 3P
   Precision Snap-acting Reset Switches
LF-05A010-P40-Q-Y CK-COMPONENTS-LF-05A010-P40-Q-Y Datasheet
302Kb / 3P
   Precision Snap-acting Reset Switches
LF-05A080L27Q-Y CK-COMPONENTS-LF-05A080L27Q-Y Datasheet
302Kb / 3P
   Precision Snap-acting Reset Switches
LF-05A080P27Q-Y CK-COMPONENTS-LF-05A080P27Q-Y Datasheet
302Kb / 3P
   Precision Snap-acting Reset Switches
More results

Similar Description - LF-SPXO018044

ManufacturerPart #DatasheetDescription
logo
All Sensors Corporation
A4CBJ-N ASC-A4CBJ-N Datasheet
7Mb / 1P
   Locaf Stock and Delivery
logo
Marl International Limi...
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
   Reduces stock and maintenance costs
logo
Laird Tech Smart Techno...
MF500F LSTD-MF500F Datasheet
138Kb / 2P
   HIGH TEMPERATURE MAGNETICALLY LOADED MACHINABLE STOCK
logo
List of Unclassifed Man...
SR9 ETC1-SR9 Datasheet
346Kb / 1P
   COMPONEX mINI-mETERS - STOCK RANGE
logo
RF Monolithics, Inc
SF2110D RFM-SF2110D Datasheet
259Kb / 6P
   For prototype or pre-production sample please contact RFM Sales.
logo
Marl International Limi...
253-501-64-3812 MARL-253-501-64-3812_15 Datasheet
275Kb / 5P
   Reduces stock and maintenance costs
258-501-64-38 MARL-258-501-64-38_14 Datasheet
204Kb / 4P
   Reduces stock and maintenance costs
logo
Connor-Winfield Corpora...
D75A CONNOR-WINFIELD-D75A_11 Datasheet
445Kb / 2P
   5x7mm Precision TCXO In Stock at Digi-Key
D75J CONNOR-WINFIELD-D75J_11 Datasheet
444Kb / 2P
   5x7mm Precision TCXO In Stock at Digi-Key
logo
Maxim Integrated Produc...
MAX17620 MAXIM-MAX17620 Datasheet
897Kb / 15P
   Reduces Number of DC-DC Regulators to Stock
Rev 3; 7/16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com