Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N3882 Datasheet(PDF) 1 Page - America Semiconductor, LLC

Part # 1N3882
Description  High Power- Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICASEMI [America Semiconductor, LLC]
Direct Link  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC

1N3882 Datasheet(HTML) 1 Page - America Semiconductor, LLC

  1N3882 Datasheet HTML 1Page - America Semiconductor, LLC 1N3882 Datasheet HTML 2Page - America Semiconductor, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 1N3882

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N3882 MICROSEMI-1N3882 Datasheet
110Kb / 2P
   Fast Recovery Rectifier
logo
GeneSiC Semiconductor, ...
1N3882 GENESIC-1N3882 Datasheet
736Kb / 3P
   Silicon Fast Recovery Diode
logo
International Rectifier
1N3882 IRF-1N3882 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
logo
Vishay Siliconix
1N3882 VISHAY-1N3882 Datasheet
147Kb / 8P
   Fast Recovery Diodes (Stud Version), 6 A, 12 A
Revision: 11-Jan-18
1N3882 VISHAY-1N3882 Datasheet
2Mb / 11P
   Fast Recovery Diodes(Stud Version)
Revision: 26-Sep-08
More results

Similar Description - 1N3882

ManufacturerPart #DatasheetDescription
logo
America Semiconductor, ...
FR16B05 AMERICASEMI-FR16B05 Datasheet
574Kb / 2P
   High Power- Fast Recovery Rectifiers
FR30K05 AMERICASEMI-FR30K05 Datasheet
410Kb / 2P
   High Power- Fast Recovery Rectifiers
FR16B02 AMERICASEMI-FR16B02 Datasheet
449Kb / 2P
   High Power- Fast Recovery Rectifiers
FR6J05 AMERICASEMI-FR6J05 Datasheet
423Kb / 2P
   High Power- Fast Recovery Rectifiers
FR40B05 AMERICASEMI-FR40B05 Datasheet
442Kb / 2P
   High Power- Fast Recovery Rectifiers
FR6A02 AMERICASEMI-FR6A02 Datasheet
436Kb / 2P
   High Power- Fast Recovery Rectifiers
FR85B02 AMERICASEMI-FR85B02 Datasheet
432Kb / 2P
   High Power- Fast Recovery Rectifiers
FR70B02 AMERICASEMI-FR70B02 Datasheet
447Kb / 2P
   High Power- Fast Recovery Rectifiers
FR6B05 AMERICASEMI-FR6B05 Datasheet
432Kb / 2P
   High Power- Fast Recovery Rectifiers
FR70K05 AMERICASEMI-FR70K05 Datasheet
418Kb / 2P
   High Power- Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com