Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG330 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TG330
Description  THURLBY THANDAR INSTRUMENTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG330 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TG330 Datasheet HTML 1Page - List of Unclassifed Manufacturers TG330 Datasheet HTML 2Page - List of Unclassifed Manufacturers TG330 Datasheet HTML 3Page - List of Unclassifed Manufacturers TG330 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TG315, TG320, TG330 function generators
the highest waveform quality
the widest range of facilities
TG330 in swept frequency mode.
Dual digital displays for
precision & convenience
The TG300 series generators incorporate
a large dual-section digital display.
Unlike competitive products the display
provides a readout not just of frequency,
but of amplitude or offset simultaneously.
Fast and accurate frequency
measurement
Auto-ranging reciprocal measurement
gives 4-digit resolution with rapid update
right down to Hz levels. Accuracy is within
±1 digit.
To maintain a fast update at sub-Hz
frequencies, the measurement mode is
changed resulting in 3-digit resolution and
reduced accuracy.
However, when compared to the normal
fixed gate-time meters used in other prod-
ucts it provides both higher accuracy and
faster display update across the whole fre-
quency range.
RMS or peak to peak
amplitude display
The output level display can be selected to
show any of three values:
1. The peak to peak amplitude
2. The RMS amplitude
3. The DC offset
RMS values are calculated correctly for
each waveform shape.
The decimal point and units are changed
automatically resulting in a display of the
true amplitude regardless of the attenu-
ator setting.
A display indicator warns against illegal
combinations of offset and amplitude
setting that would create clipping in the
output stage.
A state-of-the-art
instrument
The function generator is one of the most
versatile pieces of test & measurement in-
strumentation available.
It can generate a variety of precision
waveshapes over a range of frequencies
from mHz to MHz. It can provide a wide
range of controlled amplitudes from a
low-impedance source, and maintain con-
stant amplitude as the frequency is varied.
Voltage control of frequency enables a
source of swept frequency to be gener-
ated for frequency response testing.
Modulation can also be added.
The TG300 series represents the state-
of-the-art in low-cost analogue function
generators.
u 0.03Hz to 3MHz frequency range
u Simultaneous display of frequency & amplitude
u External 7 digit 120MHz frequency counter (not TG315)
u Very high waveform quality at all frequencies & levels
u 2mV to 20V pk-pk from 50
or 600
u Auxiliary TTL/CMOS output
u Variable symmetry with constant frequency
u Variable DC offset with zero detent
u 1000:1 frequency change by vernier or sweep voltage
u Precision internal linear or logarithmic sweep (TG330)
u Internal or external amplitude modulation (TG330)
External counter with
seven digit resolution
The TG320 and TG330 have an external
counter mode which utilises the full width
of the display to provide up to seven digits
of resolution.
The frequency range is from 5Hz up to
120MHz in two ranges, and the input sen-
sitivity is better than 50mV rms.
A measurement period of 0.5 or 5 seconds
can be selected. A reciprocal counting
measurement system is used which en-
sures high resolution regardless of input
frequency.
Thus, for example, mains frequency can
be measured to a resolution of better than
1mHz.
Accuracy is better than 10ppm (0.001%)
and an external adjustment point allows
for closed case re-calibration.
Exceptional waveform quality
The TG300 series provides very high
waveform quality under all conditions.
That means low sinewave distortion, low
aberration triangle waves and fast-edged
square waves with low overshoot.
Unlike many competitive products good
waveform quality is maintained through-
out the frequency range and at low output
levels.
Variable symmetry for pulse
and ramp waveforms
The TG300 series provides bi-directional
variable symmetry from 1:9 to 9:1. Unlike
some products, frequency is independent
of symmetry setting.
Wide range level control
The TG300 series provides a main output
with a maximum emf of 20V pk-pk from a
50
Ω or 600Ω source.
An amplitude vernier with a range of 20dB
is combined with two switched attenua-
tors of -20dB and -40dB to provide levels
down to 2mV pk-pk unterminated.
Variable DC offset of ±10V is available via
a centre detent control. An auxiliary output
provides a fixed 0V to +5V level suitable
for driving both TTL and CMOS loads.
Wide sweep range
Each range can be swept by at least
1000:1 either manually or via the external
sweep input.
Advanced internal sweep
The TG330 incorporates a versatile inter-
nal sweep generator capable of providing
linear or logarithmic frequency sweeps.
Start and stop frequencies can be set with
precision using the digital display. Sweep
ranges of over 1000:1 are possible.
The sweep rate is adjustable over a wide
range with good setability between limits
of 20ms and 20s.
A sweep output socket is provided for use
with an oscilloscope or an X-Y recorder. Un-
like many other sweep generators, the
sweep ramp is triangular which gives a su-
perior display when using an oscilloscope to
display swept frequencies.
Amplitude modulation for
extra versatility
The TG330 also incorporates comprehen-
sive AM facilities.
The modulation can be external or internal
(via a 400Hz internal generator) with
modulation levels fully variable between
0% and 100%.
A choice of three models
TG315
The TG315 includes dual digital display
of frequency and amplitude, along with
the basic generator functions of sine,
square & triangle waveforms, variable
DC offset, variable symmetry and an ex-
ternal sweep input.
TG320
The TG320 adds an external frequency
counter with up to 7 digits of resolution
covering 5Hz to 120MHz.
TG330
The TG330 has all the features of the
TG320 plus an internal sweep generator
with linear or log sweep, variable sweep
rate and a sweep output socket.
It also offers internal or external ampli-
tude modulation.
Built for the bench or rack
All three models are housed in the TTi
mid-size bench instrument case.
This heavy duty ABS case features an in-
tegral tilt stand and is 2U high for optional
rack mounting using an RM50 rack mount
kit.


Similar Part No. - TG330

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TG30 EXTECH-TG30 Datasheet
230Kb / 4P
   Wire Tracer Kit
logo
Altech corporation
TG3023-11 ALTECH-TG3023-11 Datasheet
85Kb / 1P
   ABS/POLYCARBONATE ENCLOSURE TG 3023-11
TG3023-9 ALTECH-TG3023-9 Datasheet
84Kb / 1P
   ABS/POLYCARBONATE ENCLOSURE TG 3023-9
logo
List of Unclassifed Man...
TG308111 ETC2-TG308111 Datasheet
1Mb / 26P
   Apex Black Straight TG.30 Ultra-Wideband 4G LTE Antenna
logo
Taoglas antenna solutio...
TG308111 TAOGLAS-TG308111 Datasheet
2Mb / 21P
   Apex Black Straight TG.30 Ultra-WideBand 4g LTE Antenna
More results

Similar Description - TG330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TG4001 ETC2-TG4001 Datasheet
629Kb / 5P
   THURLBY THANDAR INSTRUMENTS
logo
Thurlby Thandar Instrum...
EL-R AIM-TTI-EL-R Datasheet
1Mb / 8P
   AIM & THURLBY THANDAR INSTRUMENTS
logo
Toshiba Semiconductor
TLP3130 TOSHIBA-TLP3130_07 Datasheet
177Kb / 6P
   MEASUREMENT INSTRUMENTS
TLP199D TOSHIBA-TLP199D Datasheet
137Kb / 4P
   MEASUREMENT INSTRUMENTS
logo
Keysight Technologies
34825A KEYSIGHT-34825A Datasheet
6Mb / 16P
   Basic Instruments
logo
Toshiba Semiconductor
TLP3118 TOSHIBA-TLP3118 Datasheet
168Kb / 6P
   Measurement Instruments
TLP3131 TOSHIBA-TLP3131_07 Datasheet
176Kb / 6P
   MEASUREMENT INSTRUMENTS
logo
Frequency Devices, Inc.
950L8B FREQUENCYDEVICES-950L8B Datasheet
730Kb / 9P
   Tunable Filter Instruments
logo
ASM GmbH
3244 ASM-SENSOR-3244 Datasheet
190Kb / 2P
   Field Measuring Instruments
logo
Bel Fuse Inc.
S560-6600-CE BEL-S560-6600-CE Datasheet
63Kb / 2P
   ADSL Magnetics Texas Instruments
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com