Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBS1000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TBS1000
Description  Digital Storage Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TBS1000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TBS1000 Datasheet HTML 4Page - List of Unclassifed Manufacturers TBS1000 Datasheet HTML 5Page - List of Unclassifed Manufacturers TBS1000 Datasheet HTML 6Page - List of Unclassifed Manufacturers TBS1000 Datasheet HTML 7Page - List of Unclassifed Manufacturers TBS1000 Datasheet HTML 8Page - List of Unclassifed Manufacturers TBS1000 Datasheet HTML 9Page - List of Unclassifed Manufacturers TBS1000 Datasheet HTML 10Page - List of Unclassifed Manufacturers TBS1000 Datasheet HTML 11Page - List of Unclassifed Manufacturers TBS1000 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Power plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 110/120 V, 60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Service options
Opt. D1
Calibration Data Report
Probes and accessories are not covered by the oscilloscope warranty and Service Offerings. Refer to the datasheet of each probe and accessory model for its unique warranty
and calibration terms.
Standard accessories
Accessory
Description
Passive probes, one per channel
TPP0101: 100 MHz passive probe for: TBS1022, TBS1042, TBS1062, TBS1064, TBS1102, and TBS1104
TPP0201: 200 MHz passive probe for: TBS1152 and TBS1154
Power cord
(Please specify plug option)
NIM/NIST
Traceable certificate of calibration
Printed documentation
Installation and safety manual
(English, Japanese, and Simplified Chinese)
CD with customer documentation and
OpenChoice PC communications
software
Customer documentation including detailed user manuals (English, French, German, Italian, Japanese, Korean, Portuguese,
Russian, Simplified Chinese, Spanish, Traditional Chinese)
Software for fast and easy communication between an MS Windows PC and the TBS1000 series using USB to transfer and save
settings, waveforms, measurements, and screen images
Educators Classroom and Lab
Resource CD
Contains lab experiments and primers for both oscilloscopes and probes
5-year warranty
Covers labor and parts for defects in materials and workmanship for 5 years, excluding probes and accessories (probes and
accessories are not covered by the oscilloscope warranty and service offerings. refer to the data sheet of each probe and
accessory model for its unique warranty and calibration terms)
Datasheet
10 www.tektronix.com


Similar Part No. - TBS1000

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
   Digital Storage Oscilloscopes
TBS1000C TEKTRONIX-TBS1000C Datasheet
3Mb / 14P
   TBS1000C Series Digital Storage Oscilloscope
More results

Similar Description - TBS1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TPS2000B ETC2-TPS2000B Datasheet
873Kb / 14P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TBS1000B TEKTRONIX-TBS1000B Datasheet
936Kb / 12P
   Digital Storage Oscilloscopes
logo
List of Unclassifed Man...
TDS1012 ETC-TDS1012 Datasheet
138Kb / 8P
   Digital Storage Oscilloscopes
TDS1000B ETC1-TDS1000B Datasheet
429Kb / 8P
   Digital Storage Oscilloscopes
TDS2000C ETC2-TDS2000C Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
TPS2000B TEKTRONIX-TPS2000B Datasheet
815Kb / 14P
   Digital Storage Oscilloscopes
logo
B&K Precision Corporati...
2560 BK-2560 Datasheet
3Mb / 7P
   Digital Storage and Mixed Signal Oscilloscopes
logo
List of Unclassifed Man...
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com