Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP62040-1 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP62040-1
Description  1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP62040-1 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP62040-1 Datasheet HTML 1Page - Monolithic Power Systems MP62040-1 Datasheet HTML 2Page - Monolithic Power Systems MP62040-1 Datasheet HTML 3Page - Monolithic Power Systems MP62040-1 Datasheet HTML 4Page - Monolithic Power Systems MP62040-1 Datasheet HTML 5Page - Monolithic Power Systems MP62040-1 Datasheet HTML 6Page - Monolithic Power Systems MP62040-1 Datasheet HTML 7Page - Monolithic Power Systems MP62040-1 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP62040-1/MP62041-1 1.7V- 5.5V, 2A POWER DISTRIBUTION SWITCH
MP62040-1/MP62041-1 Rev.1.01
www.MonolithicPower.com
4
7/18/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
UTQFN
Name
Description
1
OUT
IN-to-OUT Power-Distribution Output
2
GND
Ground and the thermal pad should both be connected to electrical ground.
3
IN
Input Voltage. Accepts 1.7V to 5.5V input.
4
EN
———
Active Low: (MP62040-1), Active High: (MP62041-1)
PARAMETER MEASUREMENT INFORMATION
Figure 1 ― Definition of Tr, Tf, Ton and Toff


Similar Part No. - MP62040-1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62040 MPS-MP62040 Datasheet
339Kb / 8P
   1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
MP62040DQFU MPS-MP62040DQFU Datasheet
339Kb / 8P
   1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
More results

Similar Description - MP62040-1

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP62040 MPS-MP62040 Datasheet
339Kb / 8P
   1.7V ??5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch
MP62160 MPS-MP62160 Datasheet
360Kb / 12P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62260-1 MPS-MP62260-1 Datasheet
297Kb / 11P
   3.3V/5V, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
MP62170-1 MPS-MP62170-1 Datasheet
382Kb / 12P
   3.3V/5V, Single-Channel 1.5A Current-Limited Power Distribution Switch with Output Discharge
MP62130 MPS-MP62130 Datasheet
420Kb / 12P
   3.3V/5V, Single-Channel 500mA Current-Limited Power Distribution Switch with Output Discharge
logo
Diodes Incorporated
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2181D DIODES-AP2181D Datasheet
468Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32251 Rev. 1 - 2
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2141D DIODES-AP2141D Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com