Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3024-TK Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # THS3024-TK
Description  Handheld Oscilloscopes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

THS3024-TK Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button THS3024-TK Datasheet HTML 4Page - List of Unclassifed Manufacturers THS3024-TK Datasheet HTML 5Page - List of Unclassifed Manufacturers THS3024-TK Datasheet HTML 6Page - List of Unclassifed Manufacturers THS3024-TK Datasheet HTML 7Page - List of Unclassifed Manufacturers THS3024-TK Datasheet HTML 8Page - List of Unclassifed Manufacturers THS3024-TK Datasheet HTML 9Page - List of Unclassifed Manufacturers THS3024-TK Datasheet HTML 10Page - List of Unclassifed Manufacturers THS3024-TK Datasheet HTML 11Page - List of Unclassifed Manufacturers THS3024-TK Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Display system
Display type
6 in. (153 mm) liquid-crystal color display
Display resolution
320 horizontal × 240 vertical pixels
Waveform style
Vectors (dot-join), Dots, Envelope, Variable persistence, Infinite persistence
Display format
YT and XY
Storage memory
Reference
4 user-definable reference traces
Waveform
Stores 30 internal scope records (4 traces each) with screen image and corresponding setup
Recording
Store 10 internal recordings that can be a 100-screen replay sequence, a roll-mode recording, or a TrendPlotmeasurement
recording
Screen image
Store up to 9 internally or 256 BMP images to an external USB storage drive
Real-time clock
Time and date stamp of all stored data
Input/Output ports
USB host port
Supports USB mass storage devices
USB device port
Mini-USB-B connector allows for communication/control of oscilloscope
Probe compensator output
Side-panel output –
Amplitude
1.225 Vp-p
Frequency
500 Hz
Kensignton-style lock
Side-panel security slot connects to standard Kensington-style lock
Software
OpenChoice® Desktop
Enables fast and easy communication between a windows PC and the THS3000 series. Transfer and save settings, waveforms,
and screen images
Power source
Battery
7 hour, 10.8 v rechargeable Li-Ion battery
Battery charging time
5 hours
Line power
AC power adapter/charger
Power source voltage
100 v to 240 v AC ±10%
Power source frequency
50 hz to 60 hz
Datasheet
8 www.tektronix.com


Similar Part No. - THS3024-TK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
633Kb / 32P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI-THS3001 Datasheet
943Kb / 39P
[Old version datasheet]   420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
THS3001 TI1-THS3001 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-DISTORTION, HIGH SLEW RATE, CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS3001 TI1-THS3001 Datasheet
838Kb / 28P
[Old version datasheet]   900-MHz, High-Power Output, Current Feedback Amplifier
More results

Similar Description - THS3024-TK

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
Agilent(Hewlett-Packard...
U1600 HP-U1600 Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
logo
Keysight Technologies
N8805A KEYSIGHT-N8805A Datasheet
9Mb / 8P
   Series Oscilloscopes
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Keysight Technologies
N5393E KEYSIGHT-N5393E Datasheet
3Mb / 25P
   Infiniium Oscilloscopes
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com