Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3072F3 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TISP3072F3
Description  LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3072F3 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TISP3072F3_08 Datasheet HTML 1Page - Bourns Electronic Solutions TISP3072F3_08 Datasheet HTML 2Page - Bourns Electronic Solutions TISP3072F3_08 Datasheet HTML 3Page - Bourns Electronic Solutions TISP3072F3_08 Datasheet HTML 4Page - Bourns Electronic Solutions TISP3072F3_08 Datasheet HTML 5Page - Bourns Electronic Solutions TISP3072F3_08 Datasheet HTML 6Page - Bourns Electronic Solutions TISP3072F3_08 Datasheet HTML 7Page - Bourns Electronic Solutions TISP3072F3_08 Datasheet HTML 8Page - Bourns Electronic Solutions TISP3072F3_08 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MARCH 1994 - REVISED SEPTEMBER 2008
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Typical Characteristics - R and G or T and G Terminals
TISP30xxF3 (LV) Overvoltage Protector Series
Figure 2.
Figure 3.
Figure 4.
Figure 5.
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0·001
0·01
0·1
1
10
100
TC3LAF
V
D = -50 V
V
D = 50 V
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.9
1.0
1.1
1.2
TC3LAI
V
(BO)
V
(BR)
V
(BR)M
Positive Polarity
Normalized to V
(BR)
I
(BR) = 100 µA and 25 °C
T
J - Junction Temperature - °C
-25
0
25
50
75
100
125
150
0.9
1.0
1.1
1.2
TC3LAJ
V
(BO)
V
(BR)
V
(BR)M
Negative Polarity
Normalized to V
(BR)
I
(BR) = 100 µA and 25 ° C
V
T - On-State Vol tage - V
23
4
5
6
7 8 9
11
0
1
10
100
TC3LAL
-40 °C
150 °C
25 °C
OFF-STATE CURRENT
vs
JUNCTION TEMPERATURE
NORMALIZED BREAKDOWN VOLTAGES
vs
JUNCTION TEMPERATURE
NORMALIZED BREAKDOWN VOLTAGES
vs
JUNCTION TEMPERATURE
ON-STATE CURRENT
vs
ON-STATE VOLTAGE


Similar Part No. - TISP3072F3_08

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3072F3DR BOURNS-TISP3072F3DR Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3072F3DR-S BOURNS-TISP3072F3DR-S Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3072F3SL BOURNS-TISP3072F3SL Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3072F3SL-S BOURNS-TISP3072F3SL-S Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP3072F3_08

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP30XXF3 BOURNS-TISP30XXF3 Datasheet
675Kb / 12P
   LOW-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP3070H3 BOURNS-TISP3070H3 Datasheet
562Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3X00F3 BOURNS-TISP3X00F3 Datasheet
299Kb / 10P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3240F3 BOURNS-TISP3240F3_08 Datasheet
613Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3XXXF3 BOURNS-TISP3XXXF3 Datasheet
853Kb / 12P
   HIGH-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP3125F3 BOURNS-TISP3125F3_08 Datasheet
699Kb / 12P
   MEDIUM-VOLTAGE DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP40XXL1AJBJ BOURNS-TISP40XXL1AJBJ Datasheet
489Kb / 15P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP40XXH1BJ BOURNS-TISP40XXH1BJ Datasheet
321Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015H1BJ BOURNS-TISP4015H1BJ_07 Datasheet
356Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com