Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP1320-001 Datasheet(PDF) 1 Page - Alpha Industries

Part # SMP1320-001
Description  Low Resistance Low Capacitance Plastic Packaged PIN Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1320-001 Datasheet(HTML) 1 Page - Alpha Industries

  SMP1320-001 Datasheet HTML 1Page - Alpha Industries SMP1320-001 Datasheet HTML 2Page - Alpha Industries SMP1320-001 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
Low Resistance Low Capacitance
Plastic Packaged PIN Diodes
Features
s Designed for High Performance Wireless
Switch Applications
s 0.9
Ω Resistance, 0.3 pF Capacitance
s Multiple Package Configurations
s Available in Tape and Reel Packaging
Description
The SMP1320 series of plastic packaged, surface
mountable PIN diodes are designed for high volume switch
applications from 10 MHz to beyond 2 GHz. The low
current performance of these diodes (0.9
Ω maximum at
10 mA and 2
Ω typical at 1 mA) make the SMP1320 series
particularly suited to battery operated circuits. Available
in a selection of plastic packages and in a variety of
configurations including a low inductance (0.4 nH)
SOT-23 (SMP1320-007), the small footprint SC-79 and the
miniature SC-70.
SMP1320 Series
Parameter
Condition
Typ.
Max.
Unit
Reverse Current (IR)VR = 50 V
10
µA
Capacitance (CT)
F = 1 MHz, V = 30 V
0.30
pF
Resistance (RS)
F = 100 MHz, I = 1 mA
2.0
Resistance (RS)
F = 100 MHz, I = 10 mA
0.9
Forward Voltage (VF)
IF = 10 mA
0.85
V
Carrier Lifetime (TI)
IF = 10 mA
0.4
µS
I Region Width
8
µm
Electrical Specifications at 25°C
Characteristic
Value
Reverse Voltage (VR)
50 V
Power Dissipation @ 25°C Lead
250 mW
Temperature (PD)
Storage Temperature (TST)
-65°C to +150°C
Operating Temperature (TOP)
-65°C to +150°C
ESD Human Body Model
Class 1B
Absolute Maximum Ratings
Single
Common
Series Pair
Low
Single
Ultra Low
Single
Cathode
Inductance
Inductance
Marking: PL1
Marking: PL3
Marking: PL2
Marking: PLB
Marking: PLC
SOT-23
SOT-23
SOT-23
SOT-23
SOD-323
SOT-143
SC-79
o
SMP1320-001
o
SMP1320-004
o
SMP1320-005
o
SMP1320-007
o
SMP1320-011
o
SMP1320-017
o
SMP1320-079
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 0.4 nH
LS = 1.5 nH
LS = 0.2 nH
LS = 0.7 nH
SC-70
SC-70
SC-70
o
SMP1320-074
o
SMP1320-075
o
SMP1320-077
LS = 1.4 nH
LS = 1.4 nH
LS = 0.4 nH
o Available through distribution.


Similar Part No. - SMP1320-001

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SMP1320-001 KEXIN-SMP1320-001 Datasheet
874Kb / 3P
   PIN Diodes
More results

Similar Description - SMP1320-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1322 ALPHA-SMP1322 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com