Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP1320-001 Datasheet(PDF) 2 Page - Alpha Industries

Part # SMP1320-001
Description  Low Resistance Low Capacitance Plastic Packaged PIN Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMP1320-001 Datasheet(HTML) 2 Page - Alpha Industries

  SMP1320-001 Datasheet HTML 1Page - Alpha Industries SMP1320-001 Datasheet HTML 2Page - Alpha Industries SMP1320-001 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 1/01A
Low Resistance Low Capacitance Plastic Packaged PIN Diodes
SMP1320 Series
Series Resistance vs. Current @ 100 MHz
0.1
0.01
0.1
1
10
100
1
10
100
Forward Current (mA)
Capacitance vs. Reverse Voltage
Reverse Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0
1
2
5
10
20
50
1 MHz–1 GHz
400
500
600
700
800
900
1000
DC Characteristic
0.01
0.1
1
10
100
Forward Voltage (mV)
0
500
1000
1500
2000
Conductance vs. Frequency
and Reverse Voltage
0
100
200
300
400
500
600
Frequency (MHz)
0 V
10 V
40 V
Typical Performance Data
RS
RS
RS
RS
RS
IF
-55°C
-15°C
+25°C
+65°C
+100°C
(mA)
(
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)(Ω
Ω)
0.02
29.60
29.20
30.80
32.00
32.70
0.10
7.20
7.70
8.30
8.80
8.80
0.30
3.40
3.60
3.80
4.00
4.10
0.50
2.50
2.70
2.80
2.90
3.00
1.00
1.70
1.80
1.90
2.00
1.90
10.00
0.84
0.85
0.76
0.76
0.67
20.00
0.73
0.73
0.64
0.64
0.56
100.00
0.59
0.57
0.47
0.48
0.40
Resistance vs. Temperature @ 500 MHz
SMP1320-007
In the -007 configuration of the SOT-23 package, the package
inductance is effectively reduced to 0.4 nH, in comparison
to the 1.5 nH value of the standard configuration.This lower
inductance will be particularly beneficial when the diodes are
used as shunt connected switches at frequencies higher than
500 MHz, where inductance is the primary limitation on
maximum switch isolation.
To achieve the effective 0.4 nH, the SOT-23 package
must be inserted in the microstrip circuit board with a gap
in the trace, as shown in the
figure. Because
of
the
polarity of the diode junction,
this low inductance feature is
only realizable with the
cathode
connected
to
ground.
Ground
Gap


Similar Part No. - SMP1320-001

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SMP1320-001 KEXIN-SMP1320-001 Datasheet
874Kb / 3P
   PIN Diodes
More results

Similar Description - SMP1320-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1322 ALPHA-SMP1322 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com