Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4095H3 Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # TISP4095H3
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4095H3 Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button TISP4095H3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP4095H3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP4095H3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP4095H3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP4095H3 Datasheet HTML 9Page - Bourns Electronic Solutions TISP4095H3 Datasheet HTML 10Page - Bourns Electronic Solutions TISP4095H3 Datasheet HTML 11Page - Bourns Electronic Solutions TISP4095H3 Datasheet HTML 12Page - Bourns Electronic Solutions TISP4095H3 Datasheet HTML 13Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NOVEMBER 1997 - REVISED JANUARY 2007
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Rating and Thermal Information
TISP4xxxH3BJ Overvoltage Protector Series
Figure 8.
Figure 9.
Figure 10.
Figure 11.
t - Current Duration - s
0·1
1
10
100
1000
1.5
2
3
4
5
6
7
8
9
15
20
30
10
TI4HAC
V
GEN = 600 Vrms, 50/60 Hz
R
GEN = 1.4*VGEN/ITSM(t)
EIA/JESD51-2 ENVIRONMENT
EIA/JESD51-3 PCB
T
A = 25 °C
t - Power Duration - s
0·1
1
10
100
1000
1.5
2
3
4
5
7
15
20
30
40
50
70
150
1
10
100
TI4HAE
I
TSM(t) APPLIED FOR TIME t
EIA/JESD51-2 ENVIRONMENT
EIA/JESD51-3 PCB
T
A = 25 °C
T
AMIN - Minimum Ambient Temperature - °C
-35
-25
-15
-5
5
15
25
-40
-30
-20
-10
0
10
20
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1.00
TI4HADB
'4240 THRU '4440
'4070 THRU '4115
'4125 THRU '4220
T
A - Ambient Temperature - °C
-40 -30 -20 -10 0
10 203040 506070 80
90
100
120
150
200
250
300
400
500
600
700
IEC 1.2/50, 8/20
ITU-T 10/700
FCC 10/560
BELLCORE 2/10
BELLCORE 10/1000
FCC 10/160
TC4HAA
NON-REPETITIVE PEAK ON-STATE CURRENT
vs
CURRENT DURATION
VDRM DERATING FACTOR
vs
MINIMUM AMBIENT TEMPERATURE
IMPULSE RATING
vs
AMBIENT TEMPERATURE
THERMAL IMPEDANCE
vs
POWER DURATION


Similar Part No. - TISP4095H3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4095H3 BOURNS-TISP4095H3 Datasheet
361Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4095H3 BOURNS-TISP4095H3 Datasheet
444Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4095H3 BOURNS-TISP4095H3 Datasheet
392Kb / 13P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4095H3 BOURNS-TISP4095H3 Datasheet
392Kb / 13P
   Overvoltage Protector Series BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4095H3 BOURNS-TISP4095H3 Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results

Similar Description - TISP4095H3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ BOURNS-TISP4070M3BJ_07 Datasheet
650Kb / 12P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com