Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4070M3BJ Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP4070M3BJ
Description  BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4070M3BJ Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP4070M3BJ Datasheet HTML 1Page - Bourns Electronic Solutions TISP4070M3BJ Datasheet HTML 2Page - Bourns Electronic Solutions TISP4070M3BJ Datasheet HTML 3Page - Bourns Electronic Solutions TISP4070M3BJ Datasheet HTML 4Page - Bourns Electronic Solutions TISP4070M3BJ Datasheet HTML 5Page - Bourns Electronic Solutions TISP4070M3BJ Datasheet HTML 6Page - Bourns Electronic Solutions TISP4070M3BJ Datasheet HTML 7Page - Bourns Electronic Solutions TISP4070M3BJ Datasheet HTML 8Page - Bourns Electronic Solutions TISP4070M3BJ Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NOVEMBER 1997 - REVISED MAY 2007
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
The TISP4xxxM3BJ range consists of nineteen voltage variants to meet various maximum system voltage levels (58 V to 320 V). They are
guaranteed to voltage limit and withstand the listed international lightning surges in both polarities. These medium (M) current protection
devices are in a plastic package SMBJ (JEDEC DO-214AA with J-bend leads) and supplied in embossed tape reel pack. For alternative
voltage and holding current values, consult the factory. For higher rated impulse currents in the SMB package, the 100 A 10/1000
TISP4xxxH3BJ series is available.
TISP4xxxM3BJ Overvoltage Protector Series
Description (continued)
Absolute Maximum Ratings, TA = 25 °C (Unless Otherwise Noted)
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage, (see Note 1)
‘4070
‘4080
‘4095
‘4115
‘4125
‘4145
‘4165
‘4180
‘4200
‘4220
‘4240
‘4250
‘4265
‘4290
‘4300
‘4350
‘4360
‘4395
‘4400
VDRM
± 58
± 65
± 75
± 90
±100
±120
±135
±145
±155
±160
±180
±190
±200
±220
±230
±275
±290
±320
±300
V
Non-repetitive peak on-state pulse current (see Notes 2, 3 and 4)
ITSP
A
2/10 µs (GR-1089-CORE, 2/10 µs voltage wave shape)
300
8/20 µs (IEC 61000-4-5,combination wave generator, 1.2/50 voltage, 8/20 current)
220
10/160 µs (FCC Part 68, 10/160 µs voltage wave shape)
120
5/200 µs (VDE 0433, 10/700 µs voltage wave shape)
110
0.2/310 µs (I3124, 0.5/700 µs voltage wave shape)
100
5/310 µs (ITU-T K.20/21/45, K.44 10/700 µs voltage wave shape)
100
5/310 µs (FTZ R12, 10/700 µs voltage wave shape)
100
10/560 µs (FCC Part 68, 10/560 µs voltage wave shape)
75
10/1000 µs (GR-1089-CORE, 10/1000 µs voltage wave shape)
50
Non-repetitive peak on-state current (see Notes 2, 3 and 5)
ITSM
30
32
2.1
A
20 ms (50 Hz) full sine wave
16.7 ms (60 Hz) full sine wave
1000 s 50 Hz/60 Hz a.c.
Initial rate of rise of on-state current,
Exponential current ramp, Maximum ramp value < 100 A
diT/dt
300
A/µs
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. See Applications Information and Figure 11 for voltage values at lower temperatures.
2. Initially,the TISP4xxxM3BJ must be in thermal equilibrium with TJ =25 °C.
3. The surge may be repeated after the TISP4xxxM3BJ returns to its initial conditions.
4. See Applications Information and Figure 12 for current ratings at other temperatures.
5. EIA/JESD51-2 environment and EIA/JESD51-3 PCB with standard footprint dimensions connected with 5 A rated printed wiring
track widths. See Figure 9 for the current ratings at other durations. Derate current values at -0.61 %/°C for ambient temperatures
above 25 ° C.


Similar Part No. - TISP4070M3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4070M3BJ BOURNS-TISP4070M3BJ Datasheet
392Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJ-S BOURNS-TISP4070M3BJ-S Datasheet
392Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJR BOURNS-TISP4070M3BJR Datasheet
392Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4070M3BJR-S BOURNS-TISP4070M3BJR-S Datasheet
392Kb / 15P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4070M3BJ

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3AJ BOURNS-TISP4XXXM3AJ Datasheet
426Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP43XXMMAJBJ BOURNS-TISP43XXMMAJBJ Datasheet
438Kb / 20P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com