Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD1102-111 Datasheet(PDF) 1 Page - Alpha Industries

Part # SPD1102-111
Description  Sampling Phase Detectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SPD1102-111 Datasheet(HTML) 1 Page - Alpha Industries

  SPD1102-111 Datasheet HTML 1Page - Alpha Industries SPD1102-111 Datasheet HTML 2Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [978] 241-7906 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 9/01A
Sampling Phase Detectors
Features
I For Phase Locked VCOs to 22 GHz
I Reference Frequencies Below 50 MHz
I New Surface Mount Package Design
I Small Footprint (90 x 110 Mils)
I Automated Chip on Board Construction
SPD1101-111, SPD1102-111, SPD1103-111
Characteristic
Value
Incident Power
27 dBm
Operating Temperature
-65 to +150°C
Storage Temperature
-65 to +175°C
ESD Human Body Model
Class 1B
Absolute Maximum Ratings
Electrical Characteristics at 25°C
Microwave Signal
Schottky Diode
Capacitor
Step Recovery Diode
Part Number
Drive Level
Barrier
VF @ 1 mA
CJ @ 0 V
RT @ 5 mA
CC
CJ @ 6 V
TL
TT
(dBm)
(mV)
(pF)
(
Ω)
(pF)
(pF)
(nS)
(pS)
Typ.
Max.
Max.
Typ.
Max.
Typ.
Typ.
SPD1101-111
-3 to 0
Low
270–350
0.10
24
0.5
0.25
10
70
SPD1102-111
0 to +3
Medium
370–550
0.10
24
0.5
0.25
10
70
SPD1103-111
0 to +13
High
600–700
0.10
24
0.5
0.25
10
70
Description
Alpha has redesigned its product line of sampling phase
detectors using automated chip on board manufacturing
technology to provide a more uniform, surface mountable,
small footprint device without sacrificing the microwave
performance of the original design.
Sampling phase detectors are used to phase lock a
microwave VCO to a stable reference source at a
submultiple frequency. The sampling phase detector
consists of a step recovery diode, capacitors and a
microwave mixer consisting of series pair Schottky
diodes. The principle of operation may be described as
using the step recovery diode to generate a harmonic comb
of the reference oscillator frequency and the Schottky diode
as a mixer between the closest reference frequency multiple
and the microwave signal generated by the VCO. When
these frequencies are identical the IF (beat note) signal is
a DC voltage; the IF will be sinusoidal when the
frequencies are unequal.
The SPD1100 series sampling phase detectors use a
selected step recovery diode chip whose carrier lifetime and
transition time are appropriate for use in applications
allowing reference frequencies below 50 MHz and
microwave VCO frequencies as high as 22 GHz. The
Schottky diodes used are low capacitance devices
capable of efficient mixer performance at frequencies above
22
GHz. The
SPD1101-111,
SPD1102-111
and
SPD1103-111 utilize low, medium and high barrier
Schottky diodes and may be selected according to the
available power generated by the microwave VCO.
Preliminary


Similar Part No. - SPD1102-111

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SPD1102-111 SKYWORKS-SPD1102-111 Datasheet
183Kb / 3P
   Sampling Phase Detectors
More results

Similar Description - SPD1102-111

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MSPD101X-XXX MA-COM-MSPD101X-XXX Datasheet
820Kb / 6P
   Sampling Phase Detectors
logo
Skyworks Solutions Inc.
SPD1101-111 SKYWORKS-SPD1101-111_06 Datasheet
183Kb / 3P
   Sampling Phase Detectors
logo
Mini-Circuits
K-PD MINI-K-PD Datasheet
204Kb / 1P
   PHASE DETECTORS
logo
Maxim Integrated Produc...
MAX9382 MAXIM-MAX9382 Datasheet
214Kb / 10P
   ECL/PECL Phase-Frequency Detectors
Rev 1; 11/02
logo
Mini-Circuits
RPD-2 MINI-RPD-2 Datasheet
68Kb / 1P
   Phase Detectors 1000mV DC output , 7dBmRF
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
STMicroelectronics
TDA0161 STMICROELECTRONICS-TDA0161 Datasheet
125Kb / 6P
   PROXIMITY DETECTORS
logo
Systemsensor advanced i...
2100S SYSTEMSENSOR-2100S Datasheet
77Kb / 4P
   Smoke Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
logo
Systemsensor advanced i...
1806 SYSTEMSENSOR-1806 Datasheet
523Kb / 2P
   SMOKE DETECTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com