Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G126Z-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC1G126Z-7
Description  SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G126Z-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC1G126Z-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G126Z-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G126Z-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G126Z-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G126Z-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G126Z-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G126Z-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G126Z-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G126Z-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
74LVC1G126
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126
Document number: DS32103 Rev. 7 - 2
5 of 12
www.diodes.com
June 2012
© Diodes Incorporated
Package Characteristics (All typical values are at VCC = 3.3V, TA = +25°C.)
Symbol
Parameter
Test Conditions
VCC
Min
Typ
Max
Unit
θJA
Thermal Resistance
Junction-to-Ambient
SOT25
(Note 6)
204
oC/W
SOT353
371
SOT553
231
X2-DFN1010-6
445
X2-DFN1410-6
460
θJC
Thermal Resistance
Junction-to-Case
SOT25
(Note 6)
52
oC/W
SOT353
143
SOT553
105
X2-DFN1010-6
250
X2-DFN1410-6
265
Notes:
6. Test condition for SOT25, SOT353, SOT553, X2-DFN1410-6 and X2-DFN1010-6: Device mounted on FR-4 substrate PC board, 2oz copper, with
minimum recommended pad layout.
Switching Characteristics (Typical Values @ TA = +25°C and nominal voltages 1.8V, 2.5V, 2.7V, 3.3V, and 5.0V.)
Parameter
From
Input
To
Output
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
tpd
A
Y
1.8V ± 0.15V
1.0
3.0
8.0
1.0
10.5
ns
2.5V ± 0.2V
0.5
2.1
5.5
0.5
7.0
2.7V
0.5
2.3
5.5
0.5
7.5
3.3V ± 0.3V
0.5
2.0
4.5
0.5
6.0
5.0V ± 0.5V
0.5
1.7
4.0
0.5
5.5
ten
OE
Y
1.8V ± 0.15V
1.0
3.2
9.4
1.0
12.0
ns
2.5V ± 0.2V
0.5
2.2
6.6
0.5
8.5
2.7V
0.5
2.4
6.6
0.5
8.5
3.3V ± 0.3V
0.5
2.1
5.3
0.5
7.0
5.0V ± 0.5V
0.5
1.6
5.0
0.5
6.5
tdis
OE
Y
1.8V ± 0.15V
1.0
4.3
9.2
1.0
12.0
ns
2.5V ± 0.2V
0.5
2.7
5.5
0.5
7.0
2.7V
0.5
3.4
5.5
0.5
7.0
3.3V ± 0.3V
0.5
3.0
5.5
0.5
7.0
5.0V ± 0.5V
0.5
2.2
4.2
0.5
5.5


Similar Part No. - 74LVC1G126Z-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G126 PHILIPS-74LVC1G126 Datasheet
94Kb / 17P
   Bus buffer/line driver; 3-state
2004 Sep 21
74LVC1G126 NXP-74LVC1G126 Datasheet
90Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 07-30 August 2007
74LVC1G126 NXP-74LVC1G126 Datasheet
98Kb / 16P
   Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
logo
Diodes Incorporated
74LVC1G126 DIODES-74LVC1G126 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32103 Rev. 2 - 2
logo
Nexperia B.V. All right...
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
   Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
More results

Similar Description - 74LVC1G126Z-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G126 DIODES-74LVCE1G126 Datasheet
286Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32217 Rev. 2 - 2
74LVC1G125 DIODES-74LVC1G125 Datasheet
268Kb / 14P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
DS32202 Rev. 2 - 2
74AHC1G125Q DIODES-74AHC1G125Q Datasheet
548Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
August 2020 Rev. 1 - 2
74LVC1G125Q DIODES-74LVC1G125Q Datasheet
544Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2020 Rev. 2 - 2
74AHC1G126Q DIODES-74AHC1G126Q Datasheet
730Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
March 2023 Rev. 2 - 2
74AHCT1G125 DIODES-74AHCT1G125 Datasheet
232Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G125 DIODES-74AHC1G125_11 Datasheet
206Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G126Q DIODES-74LVC1G126Q Datasheet
404Kb / 10P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
June 2021 Rev. 3 - 2
74AUP1G126 DIODES-74AUP1G126 Datasheet
214Kb / 13P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
74AHC1G126 DIODES-74AHC1G126_11 Datasheet
228Kb / 9P
   SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com