Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9361 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9361
Description  RF Agile Transceiver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9361 Datasheet HTML 24Page - Analog Devices AD9361 Datasheet HTML 25Page - Analog Devices AD9361 Datasheet HTML 26Page - Analog Devices AD9361 Datasheet HTML 27Page - Analog Devices AD9361 Datasheet HTML 28Page - Analog Devices AD9361 Datasheet HTML 29Page - Analog Devices AD9361 Datasheet HTML 30Page - Analog Devices AD9361 Datasheet HTML 31Page - Analog Devices AD9361 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
AD9361
Data Sheet
Rev. D | Page 28 of 36
Figure 50. TX Third-Order Output Intercept Point (OIP3) vs.
TX Attenuation Setting
Figure 51. TX Signal-to-Noise Ratio (SNR) vs. TX Attenuation Setting,
LTE 20 MHz Signal of Interest with Noise Measured at 90 MHz Offset
Figure 52. TX Single Sideband (SSB) Rejection vs. Frequency,
3.075 MHz Offset
0
5
10
15
20
25
30
0
4
8
12
16
20
TX ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
140
142
144
146
148
150
152
154
156
158
160
0
3
6
9
12
15
TX ATTENUATION SETTING (dB)
–40°C
+25°C
+85°C
–70
–65
–60
–55
–50
–45
–40
–35
–30
1800
1900
2000
2100
2200
2300
2400
2500
2600
2700
FREQUENCY (MHz)
ATT 0, –40°C
ATT 25, –40°C
ATT 50, –40°C
ATT 0, +25°C
ATT 25, +25°C
ATT 50, +25°C
ATT 0, +85°C
ATT 25, +85°C
ATT 50, +85°C


Similar Part No. - AD9361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
   AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
AD9361BBCZ AD-AD9361BBCZ Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
More results

Similar Description - AD9361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
AD9361S-CSL AD-AD9361S-CSL Datasheet
640Kb / 33P
   RF Agile Transceiver
logo
AMI SEMICONDUCTOR
AMIS-53000 AMI-AMIS-53000 Datasheet
3Mb / 99P
   Frequency Agile Transceiver
AMIS-53050 AMI-AMIS-53050 Datasheet
3Mb / 107P
   Frequency Agile Transceiver
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
   RF Transceiver
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
[Old version datasheet]   RF Transceiver
logo
Pico Technology Ltd.
AS108 PICO-AS108 Datasheet
1Mb / 10P
   8 GHz Agile Synthesizer
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
   DECT RF Transceiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com