Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9851 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9851
Description  CMOS 180 MHz DDS/DAC Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9851 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9851 Datasheet HTML 7Page - Analog Devices AD9851 Datasheet HTML 8Page - Analog Devices AD9851 Datasheet HTML 9Page - Analog Devices AD9851 Datasheet HTML 10Page - Analog Devices AD9851 Datasheet HTML 11Page - Analog Devices AD9851 Datasheet HTML 12Page - Analog Devices AD9851 Datasheet HTML 13Page - Analog Devices AD9851 Datasheet HTML 14Page - Analog Devices AD9851 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD9851
–11–
REF
CLOCK
90
PHASE
DIFFERENCE
8-BIT DATA BUS
FQ UD
RESET
W CLK
AD9851
#2
IOUT
AD9851
#1
W CLK
FQ UD
RESET
IOUT
RESET
FQ UD
RESET
FQ UD
W CLK #2
W CLK #1
MICROPROCESSOR
OR
MICROCONTROLLER
W CLK #2
W CLK #1
Figure 7. Application Showing Synchronization of
Two AD9851 DDSs to Form a Quadrature Oscillator
After a common RESET command is issued, separate W_CLKs
allow independent programming of each AD9851 40-bit input reg-
ister via the 8-bit data bus or serial input pin. A common FQ_UD
pulse is issued after programming is completed to simultaneously
engage both oscillators at their specified frequency and phase.
AD9851
IOUT
30MHz
CLOCK
BANDPASS
FILTER
50
50
FUNDAMENTAL
FCLK
IMAGE
FC – FO
IMAGE
FC + FO
60 120
180
240
FREQUENCY – MHz
240
FREQUENCY – MHz
IMAGE
FC + FO
BANDPASS
FILTER
 6
AMPLIFIER
240MHz
AD9851
SPECTRUM
FINAL OUTPUT
SPECTRUM
Figure 8. Deriving a High Frequency Output Signal
from the AD9851 by Using an Alias or Image Signal
The differential DAC output connection in Figure 9 enables
reduction of common-mode signals and allows highly reactive
filters to be driven without a filter input termination resistor (see
above single-ended example, Figure 8). A 6 dB power advantage
is obtained at the filter output as compared with the single-ended
example, since the filter need not be doubly terminated.
REFERENCE
CLOCK
FILTER
DIFFERENTIAL
TRANSFORMER COUPLED
OUTPUT
50
1:1 TRANSFORMER
i.e., MINI-CIRCUITS T1–1T
50
AD9851
DDS
21
20
Figure 9. Differential DAC Output Connection for
Reduction of Common-Mode Signals
The AD9851 RSET input is driven by an external DAC (Figure 10)
SET
SET
to provide amplitude modulation or fixed, digital amplitude control
of the DAC output current. Full description of this application is
found as a Technical Note in the AD9851 data sheet under Related
Information. An Analog Devices' application note for the AD9850,
AN-423, describes another method of amplitude control using
an enhancement mode MOSFET that is equally applicable to
the AD9851.
NOTE: If the 6 REFCLK multiplier of the AD9851 is engaged,
the 125 MHz clocking source shown in Figure 10 can be reduced
by a factor of six.
AD9851
DDS
DIFFERENTIAL
TRANSFORMER COUPLED
OUTPUT
50
1:1 TRANSFORMER
50
IOUT
IOUT
RSET
+5V
21
20
12
9
4k
200
330
+5V
20mA
MAX
10-BIT DAC
AD9731
+5V
–5V
125MHz
10 BITS
DATA
GENERATOR
e.g., DG-2020
COMPUTER
CONTROL
DATA
Figure 10.The AD9851 RSET Input Being Driven by an External DAC
REV. D


Similar Part No. - AD9851

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9851 AD-AD9851 Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851 AD-AD9851 Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRS AD-AD9851BRS Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851BRS AD-AD9851BRS Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851BRSRL AD-AD9851BRSRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
More results

Similar Description - AD9851

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9851BRSZRL AD-AD9851BRSZRL Datasheet
719Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851 AD-AD9851_15 Datasheet
749Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9851 AD-AD9851 Datasheet
254Kb / 23P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. C
AD9851BRSZ AD-AD9851BRSZ Datasheet
749Kb / 24P
   CMOS 180 MHz DDS/DAC Synthesizer
REV. D
AD9850BRS-REEL AD-AD9850BRS-REEL Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850_15 Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9850 AD-AD9850 Datasheet
378Kb / 19P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. E
AD9850BRSZ AD-AD9850BRSZ Datasheet
316Kb / 20P
   CMOS, 125 MHz Complete DDS Synthesizer
REV. H
AD9852 AD-AD9852 Datasheet
424Kb / 42P
   CMOS 300 MHz Complete-DDS
REV. 0
AD9835 AD-AD9835 Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com