Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM27C010-90DC5 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM27C010-90DC5
Description  1 Megabit (128 K x 8-Bit) CMOS EPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM27C010-90DC5 Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM27C010-90DC5 Datasheet HTML 1Page - Advanced Micro Devices AM27C010-90DC5 Datasheet HTML 2Page - Advanced Micro Devices AM27C010-90DC5 Datasheet HTML 3Page - Advanced Micro Devices AM27C010-90DC5 Datasheet HTML 4Page - Advanced Micro Devices AM27C010-90DC5 Datasheet HTML 5Page - Advanced Micro Devices AM27C010-90DC5 Datasheet HTML 6Page - Advanced Micro Devices AM27C010-90DC5 Datasheet HTML 7Page - Advanced Micro Devices AM27C010-90DC5 Datasheet HTML 8Page - Advanced Micro Devices AM27C010-90DC5 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Am27C010
3
ORDERING INFORMATION
UV EPROM Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
DEVICE NUMBER/DESCRIPTION
Am27C010
1 Megabit (128 K x 8-Bit) CMOS UV EPROM
AM27C010
-45
D
C
OPTIONAL PROCESSING
Blank = Standard Processing
B
= Burn-In
VOLTAGE TOLERANCE
5= VCC ± 5%, 45 ns only
See Product Selector Guide and Valid Combinations
TEMPERATURE RANGE
C = Commercial (0
°C to +70
°C)
I= Industrial (–40
°C to +85°C)
E
= Extended (–55
°C to +125°C)
PACKAGE TYPE
D = 28-Pin Ceramic DIP (CDV028)
SPEED OPTION
See Product Selector Guide and Valid Combinations
5
B
Valid Combinations
AM27C010-45
VCC = 5.0 V ± 5%
DC5, DC5B, DI5, DI5B
AM27C010-45
VCC = 5.0 V ± 10%
DC, DCB, DI, DIB
AM27C010-55
AM27C010-70
AM27C010-90
AM27C010-120
DC, DCB, DI, DIB, DE, DEB
AM27C010-150
AM27C010-200
AM27C010-255
VCC = 5.0 V ± 5%
DC, DCB, DI, DIB


Similar Part No. - AM27C010-90DC5

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
AM27C010-90DC ROCHESTER-AM27C010-90DC Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
AM27C010-90DCB ROCHESTER-AM27C010-90DCB Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
More results

Similar Description - AM27C010-90DC5

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27X010 AMD-AM27X010 Datasheet
138Kb / 10P
   1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
logo
Rochester Electronics
AM27C010 ROCHESTER-AM27C010 Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
AM27C4096 AMD-AM27C4096 Datasheet
165Kb / 12P
   4 Megabit (256 K x 16-Bit) CMOS EPROM
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com