Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1006 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # A1006
Description  R챕f. AA15, AAC16, AAC20, AB15, ABC16, ABC20, ABD16, ABD20, AEB16, AEB20
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A1006 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  A1006 Datasheet HTML 1Page - List of Unclassifed Manufacturers A1006 Datasheet HTML 2Page - List of Unclassifed Manufacturers A1006 Datasheet HTML 3Page - List of Unclassifed Manufacturers A1006 Datasheet HTML 4Page - List of Unclassifed Manufacturers A1006 Datasheet HTML 5Page - List of Unclassifed Manufacturers A1006 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CIF
090917
Edité le 13/11/2008
Page N°6/6
Réf. I43512
Filter small hood dedicated to filter fumes, solvents, acids…
For a better view, this equipment has a transparent upper cover.
The small hood sits directly on the workbench surface. Strong iron manufacturing with
an epoxy paint coating to avoid any corrosion risk.
An extraction pipe of diameter 75 mm allows easily connecting the cabinet to the filter units
FILTRIX or FILTRATEC.
Description
Item Code
Filter small hood SH 75
I43 512
Technical characteristics
Model SH 75
Internal dimensions (L x w x H)
745 x 386 x 375 mm
Transparent upper cover
Yes
Connecting pipe Ø 75 mm
Yes
Extenral dimensions (L x w x H)
750 x 400 x 380 mm
Net weight
11,10 Kg
Réf. I43510
Range of 2 cabinets conceived to filter fumes, solvents, acids...
For a better view, the cabinet has transparent openings on each side and includes in-
line a removable front glass screen.
The air curtain cabinet directkly sits on a workbench surface. Strong iron manufaturing
with an eopxy paint coating to avoid any corrosion risk.
An extraction pipe of diameter 75 mm allows easily connecting the cabinet to the filter units
FILTRIX or FILTRATEC.
Model
Item Code
Air Curtain Cabinet CAB 8050
I43 510
Technical Characteristics
Model CAB 8050
Internal dimensions
(L x w x H) in mm
795 x 450 x 460
External dimensions without extraction
pipe (L x w x H) in mm
800 x 460 x 462
External dimensions with extraction pipe
(L x w x H) in mm
800 x 460 x 504
Removable front glass screen
Yes
Connecting pipe Ø 75 mm
Yes
Net weight
12 Kg


Similar Part No. - A1006

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1006 ETC2-A1006 Datasheet
188Kb / 1P
   Desoldering Gun for HAKKO 474.475
A1006 ETC1-A1006 Datasheet
1Mb / 24P
   Desoldering Tool
logo
NXP Semiconductors
A1006 NXP-A1006 Datasheet
555Kb / 18P
   Secure Authenticator IC
Rev. 1-25 July 2018
logo
TOKO, Inc
A1006AYW-100M TOKO-A1006AYW-100M Datasheet
58Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
A1006AYW-101M TOKO-A1006AYW-101M Datasheet
58Kb / 1P
   High Reliability Fixed Inductors for Surface Mounting
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com